Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8705AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8705AT
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8705AT Datasheet HTML 3Page - NXP Semiconductors TDA8705AT Datasheet HTML 4Page - NXP Semiconductors TDA8705AT Datasheet HTML 5Page - NXP Semiconductors TDA8705AT Datasheet HTML 6Page - NXP Semiconductors TDA8705AT Datasheet HTML 7Page - NXP Semiconductors TDA8705AT Datasheet HTML 8Page - NXP Semiconductors TDA8705AT Datasheet HTML 9Page - NXP Semiconductors TDA8705AT Datasheet HTML 10Page - NXP Semiconductors TDA8705AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Jan 12
7
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705A
Switching characteristics
CLOCK INPUT CLK; note 1; see Fig.3
fclk(max)
maximum clock frequency
80
−−
MHz
tCPH
clock pulse width HIGH
5.5
−−
ns
tCPL
clock pulse width LOW
5.5
−−
ns
Analog signal processing
LINEARITY
ILE
DC integral linearity error
−±0.25
±0.5
LSB
DLE
DC differential linearity error
−±0.25
±0.5
LSB
AILE
AC integral linearity error
note 3
−±0.5
±1.0
LSB
OFE
offset error between A and B
fi = 10 MHz;
fclk = 40 MHz; note 4
±1
−±2
LSB
GE
gain error between A and B
fi = 10 MHz;
fclk = 40 MHz; note 4
±1
−±2
LSB
MID
middle scale output code (A and B)
31
32
BANDWIDTH;fclk =80MHz
B
−0.5 dB analog bandwidth
full-scale sine
wave; note 5
50
MHz
tSTLH
analog input settling time LOW-to-HIGH
full-scale square
wave; Fig.4; note 6
8
ns
tSTHL
analog input settling time HIGH-to-LOW
full-scale square
wave; Fig.4; note 6
5
ns
HARMONICS;fclk =40MHZ; see Fig.5
h1
fundamental harmonics (full scale)
fi = 20 MHz
−−
0dB
hall
harmonics (full scale);
all components
fi = 20 MHz
second harmonics
−−45
dB
third harmonics
−−41
dB
THD
total harmonic distortion
fi = 20 MHz
−−39
−34
dB
SIGNAL-TO-NOISE RATIO; note 7; see Fig.5
S/N
signal-to-noise ratio (full scale)
without harmonics;
fclk = 80 MHz;
fi = 20 MHz
33
36
dB
EFFECTIVE BITS; note 7; see Fig.5
EB
effective bits
fclk = 80 MHz
fi = 10 MHz
5.7
bits
fi = 20 MHz
5.5
bits
fi = 30 MHz
5.1
bits
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8705AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705T PHILIPS-TDA8705T Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results

Similar Description - TDA8705AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
logo
Zarlink Semiconductor I...
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com