Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8706T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8706T
Description  6-bit analog-to-digital converter with multiplexer and clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8706T Datasheet HTML 1Page - NXP Semiconductors TDA8706T Datasheet HTML 2Page - NXP Semiconductors TDA8706T Datasheet HTML 3Page - NXP Semiconductors TDA8706T Datasheet HTML 4Page - NXP Semiconductors TDA8706T Datasheet HTML 5Page - NXP Semiconductors TDA8706T Datasheet HTML 6Page - NXP Semiconductors TDA8706T Datasheet HTML 7Page - NXP Semiconductors TDA8706T Datasheet HTML 8Page - NXP Semiconductors TDA8706T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Aug 20
4
Philips Semiconductors
Preliminary specification
6-bit analog-to-digital converter with
multiplexer and clamp
TDA8706
PINNING
SYMBOL PIN
DESCRIPTION
GND
1
ground
VCCA
2
analog positive supply (+5 V)
VRT
3
reference voltage TOP decoupling
VRB
4
reference voltage BOTTOM
decoupling
INC
5
chrominance input
INB
6
chrominance input
INA
7
luminance input
C
8
select input
B
9
select input
A
10
select input
VCCD
11
digital positive supply voltage (+5 V)
CLAMP
12
damp pulse input (positive pulse)
CLK
13
clock input
CE
14
chip enable (active LOW)
D5
15
digital voltage output: most significant
bit (MSB)
D4
16
digital voltage output
D3
17
digital voltage output
D2
18
digital voltage output
D1
19
digital voltage output
D0
20
digital voltage output: significant bit
(LSB)
Fig.2 Pin configuration.
handbook, halfpage
MCD266
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11 VCCD
CCA
V
RT
V
RB
V
D5
D4
D3
D2
D1
D0
INC
INB
INA
C
B
A
CLAMP
CLK
TDA8706
CE
GND


Similar Part No. - TDA8706T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
TDA8706AM PHILIPS-TDA8706AM Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
More results

Similar Description - TDA8706T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com