Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8706T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8706T
Description  6-bit analog-to-digital converter with multiplexer and clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8706T Datasheet HTML 1Page - NXP Semiconductors TDA8706T Datasheet HTML 2Page - NXP Semiconductors TDA8706T Datasheet HTML 3Page - NXP Semiconductors TDA8706T Datasheet HTML 4Page - NXP Semiconductors TDA8706T Datasheet HTML 5Page - NXP Semiconductors TDA8706T Datasheet HTML 6Page - NXP Semiconductors TDA8706T Datasheet HTML 7Page - NXP Semiconductors TDA8706T Datasheet HTML 8Page - NXP Semiconductors TDA8706T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Aug 20
5
Philips Semiconductors
Preliminary specification
6-bit analog-to-digital converter with
multiplexer and clamp
TDA8706
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCCA
analog supply voltage range (pin 2)
−0.3
+7.0
V
VCCD
digital supply voltage range (pin 10)
−0.3
+7.0
V
VCCA − VCCD
supply voltage difference
1.0
V
VI
input voltage range
−0.3
+7.0
V
IO
output current
10
mA
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
0
+70
°C


Similar Part No. - TDA8706T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
TDA8706AM PHILIPS-TDA8706AM Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
More results

Similar Description - TDA8706T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com