Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270AMCVCTTR Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1270AMCVCTTR
Description  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMCVCTTR Datasheet(HTML) 4 Page - Microchip Technology

  TC1270AMCVCTTR Datasheet HTML 1Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 2Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 3Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 4Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 5Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 6Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 7Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 8Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 4
© 2007 Microchip Technology Inc.
1.1
AC CHARACTERISTICS
1.1.1
TIMING PARAMETER SYMBOLOGY
The timing parameter symbols have been created
following one of the following formats:
FIGURE 1-1:
TEST LOAD CONDITIONS
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
E
Error
Lowercase letters (pp) and their meanings:
pp
io
Input or Output pin
osc
Oscillator
rx
Receive
tx
Transmit
bitclk
RX/TX BITCLK
RST
Reset
drt
Device Reset Timer
Uppercase letters and their meanings:
S
F
Fall
P
Period
H
High
R
Rise
I
Invalid (High-impedance)
V
Valid
L
Low
Z
High-impedance
Pin
VSS
CL = 50 pF


Similar Part No. - TC1270AMCVCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270AMAVRCTR MICROCHIP-TC1270AMAVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Similar Description - TC1270AMCVCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com