Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29F102Q-45B Datasheet(PDF) 2 Page - Winbond

Part # W29F102Q-45B
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29F102Q-45B Datasheet(HTML) 2 Page - Winbond

  W29F102Q-45B Datasheet HTML 1Page - Winbond W29F102Q-45B Datasheet HTML 2Page - Winbond W29F102Q-45B Datasheet HTML 3Page - Winbond W29F102Q-45B Datasheet HTML 4Page - Winbond W29F102Q-45B Datasheet HTML 5Page - Winbond W29F102Q-45B Datasheet HTML 6Page - Winbond W29F102Q-45B Datasheet HTML 7Page - Winbond W29F102Q-45B Datasheet HTML 8Page - Winbond W29F102Q-45B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
W29F102
- 2 -
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
A8
A7
A15
A14
A13
A12
A11
A10
A9
OE
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
GND
40-pin
TSOP
24
23
22
21
D
Q
15
N
C
V
D
D
/
W
E
1
4
A
1
5
A
N
C
N
C
/
C
E
D
Q
14
D
Q
13
11
12
13
39
38
37
36
35
34
33
44
1
2
3
4
5
6
26
25
24
23
22
21
20
44-pin
PLCC
28
27
40
41
42
43
7
8
9
A9
GND
NC
A8
A7
A6
A5
A13
A12
A11
A10
10
14
15
16
17
19
18
32
31
30
29
GND
DQ12
DQ11
DQ10
DQ9
DQ8
DQ7
DQ6
DQ5
DQ4
NC
D
Q
3
D
Q
2
/
O
E
N
C
A
0
A
1
A
2
A
3
A
4
D
Q
1
D
Q
0
NC
WE
V
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
DD
NC
CE
A6
A5
A4
A3
A2
A1
A0
BLOCK DIAGRAM
CONTROL
OUTPUT
BUFFER
DECODER
MAIN
MEMORY
CE
OE
WE
A0
.
.
A15
.
.
DQ0
DQ15
VDD
VSS
(56K Words)
BootBlock
(8K Words)
PIN DESCRIPTION
SYMBOL
PIN NAME
A0
−A15
Address Inputs
DQ0
−DQ15
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VDD
Power Supply
GND
Ground
NC
No Connection


Similar Part No. - W29F102Q-45B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29F102Q-45B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com