Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F1320 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F1320
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F1320 Datasheet HTML 5Page - Microchip Technology PIC18F1320 Datasheet HTML 6Page - Microchip Technology PIC18F1320 Datasheet HTML 7Page - Microchip Technology PIC18F1320 Datasheet HTML 8Page - Microchip Technology PIC18F1320 Datasheet HTML 9Page - Microchip Technology PIC18F1320 Datasheet HTML 10Page - Microchip Technology PIC18F1320 Datasheet HTML 11Page - Microchip Technology PIC18F1320 Datasheet HTML 12Page - Microchip Technology PIC18F1320 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 7
PIC18F1220/1320
FIGURE 1-1:
PIC18F1220/1320 BLOCK DIAGRAM
Instruction
Decode &
Control
PORTA
PORTB
RA4/T0CKI
MCLR/VPP/RA5(1)
Enhanced
Timer0
Timer1
Timer2
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1/LVDIN
RA0/AN0
Data Latch
Data RAM
Address Latch
Address<12>
12(2)
BSR
FSR0
FSR1
FSR2
4
12
4
PCH PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
WREG
8
BIT OP
8
8
ALU<8>
8
Address Latch
(8 Kbytes)
Data Latch
20
21
21
16
8
8
8
inc/dec logic
21
8
Data Bus<8>
8
Instruction
12
3
ROM Latch
Timer3
Bank0, F
PCLATU
PCU
OSC2/CLKO/RA6(2)
USART
8
Register
Table Latch
Table Pointer <2>
inc/dec
logic
RB0/AN4/INT0
RB4/AN6/RX/DT/KBI0
RB1/AN5/TX/CK/INT1
RB2/P1B/INT2
RB3/CCP1/P1A
RB5/PGM/KBI1
RB6/PGC/T1OSO/
RB7/PGD/T1OSI/
OSC2/CLKI/RA7(2)
Decode
Power-up
Timer
Power-on
Reset
Watchdog
Timer
VDD, VSS
Brown-out
Reset
Precision
Reference
Voltage
Low-Voltage
Programming
In-Circuit
Debugger
Oscillator
Start-up Timer
Timing
Generation
OSC1(2)
OSC2(2)
T1OSI
T1OSO
INTRC
Oscillator
Fail-Safe
Clock Monitor
Note
1:
RA5 is available only when the MCLR Reset is disabled.
2:
OSC1, OSC2, CLKI and CLKO are only available in select oscillator modes and when these pins are not being used as digital
I/O. Refer to Section 2.0 “Oscillator Configurations” for additional information.
8
CCP
Enhanced
T13CKI/P1C/KBI2
Program Memory
(4 Kbytes)
PIC18F1220
PIC18F1320
A/D Converter
Data EEPROM
P1D/KBI3
MCLR(1)


Similar Part No. - PIC18F1320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1320 MICROCHIP-PIC18F1320 Datasheet
5Mb / 310P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F1320 MICROCHIP-PIC18F1320 Datasheet
3Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320-I MICROCHIP-PIC18F1320-I Datasheet
3Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320-IP MICROCHIP-PIC18F1320-IP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320E/PQTP MICROCHIP-PIC18F1320E/PQTP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
More results

Similar Description - PIC18F1320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1220 MICROCHIP-PIC18F1220 Datasheet
5Mb / 310P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F1320-IP MICROCHIP-PIC18F1320-IP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320-I MICROCHIP-PIC18F1320-I Datasheet
3Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1230 MICROCHIP-PIC18F1230 Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
   18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
   18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC18F2220 MICROCHIP-PIC18F2220 Datasheet
6Mb / 388P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2003
PIC18F2220 MICROCHIP-PIC18F2220_07 Datasheet
6Mb / 386P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com