Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29F102P-70B Datasheet(PDF) 3 Page - Winbond

Part # W29F102P-70B
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29F102P-70B Datasheet(HTML) 3 Page - Winbond

  W29F102P-70B Datasheet HTML 1Page - Winbond W29F102P-70B Datasheet HTML 2Page - Winbond W29F102P-70B Datasheet HTML 3Page - Winbond W29F102P-70B Datasheet HTML 4Page - Winbond W29F102P-70B Datasheet HTML 5Page - Winbond W29F102P-70B Datasheet HTML 6Page - Winbond W29F102P-70B Datasheet HTML 7Page - Winbond W29F102P-70B Datasheet HTML 8Page - Winbond W29F102P-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
W29F102
Publication Release Date: June 1999
- 3 -
Revision A4
FUNCTIONAL DESCRIPTION
Read Mode
The read operation of the W29F102 is controlled by CE and OE, both of which have to be low for
the host to obtain data from the outputs. CE is used for device selection. When CE is high, the chip
is de-selected and only standby power will be consumed. OE is the output control and is used to gate
data from the output pins. The data bus is in high impedance state when either CE or OE is high.
Refer to the timing waveforms for further details.
Boot Block Operation
There is one 8K-word boot block in this device, which can be used to store boot code. It is located in
the first 8K words of the memory with the address range from 0000 hex to 1FFF hex.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set
the data for the designated block cannot be erased or programmed (programming lockout); other
memory locations can be changed by the regular programming method. Once the boot block
programming lockout feature is activated, the chip erase function will only affect the main memory.
In order to detect whether the boot block feature is set on the 8K-words block, users can perform
software command sequence: enter the product identification mode (see Command Codes for
Identification/Boot Block Lockout Detection for specific code), and then read from address "0002
hex". If the output data is "FF hex," the boot block programming lockout feature is activated; if the
output data is "FE hex," the lockout feature is inactivated and the block can be erased/programmed.
To return to normal operation, perform a three-byte command sequence (or an alternate single-word
command) to exit the identification mode. For the specific code, see Command Codes for
Identification/Boot Block Lockout Detection.
Chip Erase Operation
The chip-erase mode can be initiated by a six-word command sequence. After the command loading
cycle, the device enters the internal chip erase mode, which is automatically timed and will be
completed in a fast 100 mS (typical). The host system is not required to provide any control or timing
during this operation. If the boot block programming lockout is activated, only the data in the main
memory will be erased to FF(hex), and the data in the boot block will not be erased (remains same as
before the chip erase operation). The entire memory array (main memory and boot block) will be
erased to FF hex. by the chip erase operation if the boot block programming lockout feature is not
activated. The device will automatically return to normal read mode after the erase operation
completed. Data polling and/or Toggle Bits can be used to detect end of erase cycle.
Main Memory Erase Operation
The main memory erase mode can be initiated by a six-word command sequence. After the
command loading cycle, the device enters the internal main-memory erase mode, which is
automatically timed and will be completed in a fast 100 mS (typical). The host system is not required
to provide any control or timing during this operation. The device will automatically return to normal
read mode after the erase operation completed. Data polling and/or Toggle Bits can be used to detect
end of erase cycle.


Similar Part No. - W29F102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29F102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com