Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6490 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F6490
Description  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
Download  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6490 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F6490 Datasheet HTML 6Page - Microchip Technology PIC18F6490 Datasheet HTML 7Page - Microchip Technology PIC18F6490 Datasheet HTML 8Page - Microchip Technology PIC18F6490 Datasheet HTML 9Page - Microchip Technology PIC18F6490 Datasheet HTML 10Page - Microchip Technology PIC18F6490 Datasheet HTML 11Page - Microchip Technology PIC18F6490 Datasheet HTML 12Page - Microchip Technology PIC18F6490 Datasheet HTML 13Page - Microchip Technology PIC18F6490 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 412 page
background image
PIC18F6390/6490/8390/8490
DS39629B-page 8
Preliminary
 2004 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Flash cells for program
memory are rated to last for approximately a
thousand erase/write cycles. Data retention
without refresh is conservatively estimated to be
greater than 100 years.
• Extended Instruction Set: The
PIC18F6390/6490/8390/8490 family introduces
an optional extension to the PIC18 instruction set,
which adds 8 new instructions and an Indexed
Addressing mode. This extension, enabled as a
device configuration option, has been specifically
designed to optimize re-entrant application code
originally developed in high-level languages such
as C.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the LIN
bus protocol. Other enhancements include
Automatic Baud Rate Detection and a 16-bit Baud
Rate Generator for improved resolution. When the
microcontroller is using the internal oscillator
block, the EUSART provides stable operation for
applications that talk to the outside world, without
using an external crystal (or its accompanying
power requirement).
• 10-bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reduces code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing a time-out range from 4 ms to over
10 minutes that is stable across operating voltage
and temperature.
1.3
Details on Individual Family
Members
Devices in the PIC18F6390/6490/8390/8490 family are
available
in
64-pin
(PIC18F6X90)
and
80-pin
(PIC18F8X90) packages. Block diagrams for the two
groups are shown in Figure 1-1 and Figure 1-2, respec-
tively.
The devices are differentiated from each other in three
ways:
1.
I/O Ports: 7 bidirectional ports on 64-pin
devices; 9 bidirectional ports on 80-pin devices.
2.
LCD Pixels: 128 (32 SEGs x 4 COMs) pixels can
be driven by 64-pin devices; 192 (48 SEGs x
4 COMs) pixels can be driven by 80-pin devices.
3.
Flash
Program
Memory:
8
Kbytes
for
PIC18FX390 devices; 16 Kbytes for PIC18FX490.
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F6390/6490/8390/8490 family are available as
both standard and low-voltage devices. Standard
devices with Flash memory, designated with an “F” in
the part number (such as PIC18F6390), accommodate
an operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF6490),
function over an extended VDD range of 2.0V to 5.5V.


Similar Part No. - PIC18F6490

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6490 MICROCHIP-PIC18F6490 Datasheet
213Kb / 10P
   PIC18F6390/6490/8390/8490 Rev.B3 SILICON ERRATA
2005
PIC18F6490 MICROCHIP-PIC18F6490 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6490-E/PT MICROCHIP-PIC18F6490-E/PT Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6490-I/PT MICROCHIP-PIC18F6490-I/PT Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
More results

Similar Description - PIC18F6490

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com