Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA128T-ESM Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA128T-ESM
Description  I2C??Serial EEPROM Family Data Sheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA128T-ESM Datasheet(HTML) 3 Page - Microchip Technology

  24AA128T-ESM Datasheet HTML 1Page - Microchip Technology 24AA128T-ESM Datasheet HTML 2Page - Microchip Technology 24AA128T-ESM Datasheet HTML 3Page - Microchip Technology 24AA128T-ESM Datasheet HTML 4Page - Microchip Technology 24AA128T-ESM Datasheet HTML 5Page - Microchip Technology 24AA128T-ESM Datasheet HTML 6Page - Microchip Technology 24AA128T-ESM Datasheet HTML 7Page - Microchip Technology 24AA128T-ESM Datasheet HTML 8Page - Microchip Technology 24AA128T-ESM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 3
24AAXX/24LCXX/24FCXX
128 Kb devices
24AA128
1.7-5.5V
400 kHz (2)
64 bytes
Entire Array
A0, A1,
A2(4)
I
P, SN, SM, ST, MS, MF,
ST14
24LC128
2.5-5.5V
400 kHz
I, E
24FC128
1.7-5.5V
1 MHz(3)
I
256 Kb devices
24AA256
1.7-5.5V
400 kHz (2)
64 bytes
Entire Array
A0, A1,
A2(4)
I
P, SN, SM, ST, MS, MF,
ST14
24LC256
2.5-5.5V
400 kHz
I, E
24FC256
1.7-5.5V
1 MHz(3)
I
512 Kb devices
24AA512
1.7-5.5V
400 kHz (2)
128
bytes
Entire Array
A0, A1, A2
I
P, SM, MF, ST14
24LC512
2.5-5.5V
400 kHz
I, E
24FC512
1.7-5.5V(3) 1 MHz
I
TABLE 1-1:
DEVICE SELECTION TABLE (CONTINUED)
Part Number
VCC
Range
Max. Clock
Frequency
Page
Size
Write-
Protect
Scheme
Functional
Address
Pins
Temp.
Range
Packages(5)
Note 1: 100 kHz for VCC <4.5V.
2: 100 kHz for VCC <2.5V.
3: 400 kHz for VCC <2.5V.
4: Pins A0 and A1 are no-connects for the 24XX128 and 24XX256 in the MSOP package.
5: P = 8-PDIP, SN = 8-SOIC (3.90 mm JEDEC), ST = 8-TSSOP, OT = 5 or 6-SOT23, MC = 2x3mm DFN,
MS = 8-MSOP, SM = 8-SOIC (200 mil EIAJ), MF = 5x6mm DFN.


Similar Part No. - 24AA128T-ESM

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
24AA128T-E-P ARTSCHIP-24AA128T-E-P Datasheet
1Mb / 10P
   CMOS Serial EEPROM
24AA128T-E-SM ARTSCHIP-24AA128T-E-SM Datasheet
1Mb / 10P
   CMOS Serial EEPROM
24AA128T-E-ST ARTSCHIP-24AA128T-E-ST Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Microchip Technology
24AA128T-E/CS15K MICROCHIP-24AA128T-E/CS15K Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128T-E/MC MICROCHIP-24AA128T-E/MC Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
More results

Similar Description - 24AA128T-ESM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com