Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA512T-ESM Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA512T-ESM
Description  I2C??Serial EEPROM Family Data Sheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA512T-ESM Datasheet(HTML) 2 Page - Microchip Technology

  24AA512T-ESM Datasheet HTML 1Page - Microchip Technology 24AA512T-ESM Datasheet HTML 2Page - Microchip Technology 24AA512T-ESM Datasheet HTML 3Page - Microchip Technology 24AA512T-ESM Datasheet HTML 4Page - Microchip Technology 24AA512T-ESM Datasheet HTML 5Page - Microchip Technology 24AA512T-ESM Datasheet HTML 6Page - Microchip Technology 24AA512T-ESM Datasheet HTML 7Page - Microchip Technology 24AA512T-ESM Datasheet HTML 8Page - Microchip Technology 24AA512T-ESM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 2
© 2007 Microchip Technology Inc.
TABLE 1-1:
DEVICE SELECTION TABLE
Part Number
VCC
Range
Max. Clock
Frequency
Page
Size
Write-
Protect
Scheme
Functional
Address
Pins
Temp.
Range
Packages(5)
128-bit devices
24AA00
1.7-5.5V
400 kHz(1)
—None
None
I
P, SN, ST, OT, MC
24LC00
2.5-5.5V
400 kHz(1)
I
24C00
4.5-5.5V
400 kHz
I, E
1 Kb devices
24AA01
1.7-5.5V
400 kHz (2)
8 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC01B
2.5-5.5V
400 kHz
I, E
24AA014
1.7-5.5V
400 kHz(2)
16 bytes
Entire Array
A0, A1, A2
I
P, SN, ST, MS, MC
24LC014
2.5-5.5V
400 kHz
I
24C01C
4.5V-5.5V 400 kHz
16 bytes
None
A0, A1, A2
I, E
P, SN, ST, MC
2 Kb devices
24AA02
1.7-5.5V
400 kHz (2)
8 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC02B
2.5-5.5V
400 kHz
I, E
24AA024
1.7-5.5V
400 kHz(2)
16 bytes
Entire Array
A0, A1, A2
I
P, SN, ST, MS, MC
24LC024
2.5-5.5V
400 kHz
I
24AA025
1.7-5.5V
400 kHz(2)
16 bytes
None
A0, A1, A2
I
P, SN, ST,MS, MC
24LC025
2.5-5.5V
400 kHz
I
24C02C
4.5-5.5V
400 kHz
16 bytes
Upper Half
of Array
A0, A1, A2
I, E
P, SN, ST, MC
4 Kb devices
24AA04
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC04B
2.5-5.5V
400 kHz
I, E
8 Kb devices
24AA08
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC08B
2.5-5.5V
400 kHz
I, E
16 Kb devices
24AA16
1.7-5.5V
400 kHz (2)
16 bytes
Entire Array
None
I
P, SN, ST, MS, OT, MC
24LC16B
2.5-5.5V
400 kHz
I, E
32 Kb devices
24AA32A
1.7-5.5V
400 kHz (2)
32 bytes
Entire Array
A0, A1, A2
I
P, SN, SM, ST, MS, MC
24LC32A
2.5-5.5V
400 kHz
I, E
64 Kb devices
24AA64
1.7-5.5V
400 kHz (2)
32 bytes
Entire Array
A0, A1, A2
I
P, SN, SM, ST, MS, MC
24LC64
2.5-5.5V
400 kHz
I, E
24FC64
1.7-5.5V
1 MHz(3)
I
Note 1: 100 kHz for VCC <4.5V.
2: 100 kHz for VCC <2.5V.
3: 400 kHz for VCC <2.5V.
4: Pins A0 and A1 are no-connects for the 24XX128 and 24XX256 in the MSOP package.
5: P = 8-PDIP, SN = 8-SOIC (3.90 mm JEDEC), ST = 8-TSSOP, OT = 5 or 6-SOT23, MC = 2x3mm DFN,
MS = 8-MSOP, SM = 8-SOIC (200 mil EIAJ), MF = 5x6mm DFN.


Similar Part No. - 24AA512T-ESM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA512T-E/CS17K MICROCHIP-24AA512T-E/CS17K Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24AA512T-E/MF MICROCHIP-24AA512T-E/MF Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
24AA512T-E/MF MICROCHIP-24AA512T-E/MF Datasheet
419Kb / 28P
   512K I2C??CMOS Serial EEPROM
2008
24AA512T-E/MF MICROCHIP-24AA512T-E/MF Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24AA512T-E/MFG MICROCHIP-24AA512T-E/MFG Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
More results

Similar Description - 24AA512T-ESM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com