Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4252A Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT4252A
Description  Dual Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4252A Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT4252A Datasheet HTML 1Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 2Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 3Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 4Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 5Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 6Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 7Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 8Page - Advanced Analogic Technologies AAT4252A Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Characteristics
V
IN = 5V, TA = 25°C unless otherwise noted.
On-Resistance vs. Temperature
Temperature (°C)
0
20
40
60
80
100
120
140
-40
-15
10
35
60
85
VIN = 3V
VIN = 5V
On-Resistance vs. Input Voltage
Input Voltage (V)
50
70
90
110
130
150
170
190
210
230
250
1.5
2
2.5
3
3.5
4
4.5
5
5.5
ISW = 2A
ISW = 100mA
Off Supply Current vs. Temperature
(No Load; EN = GND; VIN = 5V)
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
-40
-15
10
35
60
85
Typical ON/OFF Threshold vs. Input Voltage
Input Voltage (V)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VIH
VIL
Quiescent Current vs. Temperature
(No Load; Single Switch)
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-15
10
35
60
85
VIN = 5V
VIN = 3V
Quiescent Current vs. Input Voltage
(No Load; Single Switch)
Input Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
2
3
4
5
6
AAT4252A
Dual Slew Rate Controlled Load Switch
4252A.2007.06.1.0
5


Similar Part No. - AAT4252A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250IGV-T1 AAT-AAT4250IGV-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4252A

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
logo
SiGe Semiconductor, Inc...
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com