Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1483 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1483
Description  20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1483 Datasheet HTML 1Page - Maxim Integrated Products MAX1483 Datasheet HTML 2Page - Maxim Integrated Products MAX1483 Datasheet HTML 3Page - Maxim Integrated Products MAX1483 Datasheet HTML 4Page - Maxim Integrated Products MAX1483 Datasheet HTML 5Page - Maxim Integrated Products MAX1483 Datasheet HTML 6Page - Maxim Integrated Products MAX1483 Datasheet HTML 7Page - Maxim Integrated Products MAX1483 Datasheet HTML 8Page - Maxim Integrated Products MAX1483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
_______________________________________________________________________________________
5
PIN
1, 8, 13
MAX1482
DIP/SO
FUNCTION
2
1
Receiver Output. With the receiver output enabled (RE low), RO is high if
A > B by 200mV or when A and B are not connected, and RO is low if A < B
by 200mV.
DIP/SO
3
2
Receiver Output Enable. When RE is low, RO is enabled. When RE is high, RO
is high impedance. If RE is high and DE is low, the MAX1482/MAX1483 enter
a low-power (0.1µA) shutdown state.
4
3
Driver Output Enable. The driver outputs, A and B, (Y and Z for the MAX1482)
are enabled by bringing DE high. When DE is low, the driver outputs are high
impedance, and the devices can function as line receivers if RE is low. If RE is
high and DE is low, the parts will enter a low-power (0.1µA) shutdown state. If
the driver outputs are enabled, the devices function as line drivers.
10
Inverting Driver Output
9
Noninverting Driver Output
6, 7
5
Ground
5
4
Driver Input. With DE high, a low on DI forces output Y low and output Z high,
and a high on DI forces output Y high and output Z low.
14
8
Positive Supply: 4.75V to 5.25V
11
Inverting Receiver Input
7
Inverting Receiver Input and Inverting Driver Output
12
Noninverting Receiver Input
6
Noninverting Receiver Input and Noninverting Driver Output
MAX1483
3
4
5
7
6
2
1
8
NAME
RO
RE
DE
Z
Y
GND
DI
VCC
B
B
A
A
N.C.
No Connect—not internally connected
µMAX
______________________________________________________________Pin Description


Similar Part No. - MAX1483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1483 MAXIM-MAX1483 Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
MAX14830 MAXIM-MAX14830 Datasheet
3Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 3; 1/13
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 1; 7/12
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 68P
   Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX14830ETM++ MAXIM-MAX14830ETM+ Datasheet
3Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 3; 1/13
More results

Similar Description - MAX1483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482 Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com