Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC128T-EST Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC128T-EST
Description  I2C??Serial EEPROM Family Data Sheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128T-EST Datasheet(HTML) 4 Page - Microchip Technology

  24LC128T-EST Datasheet HTML 1Page - Microchip Technology 24LC128T-EST Datasheet HTML 2Page - Microchip Technology 24LC128T-EST Datasheet HTML 3Page - Microchip Technology 24LC128T-EST Datasheet HTML 4Page - Microchip Technology 24LC128T-EST Datasheet HTML 5Page - Microchip Technology 24LC128T-EST Datasheet HTML 6Page - Microchip Technology 24LC128T-EST Datasheet HTML 7Page - Microchip Technology 24LC128T-EST Datasheet HTML 8Page - Microchip Technology 24LC128T-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 4
© 2007 Microchip Technology Inc.
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 2-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
D1
A0, A1, A2, SCL, SDA and
WP pins:
——
D2
VIH
High-level input voltage
0.7 VCC
—V
D3
VIL
Low-level input voltage
0.3 VCC
0.2 VCC
V
V
VCC
≥ 2.5V
VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt Trigger
inputs (SDA, SCL pins)
0.05 VCC
—V
(Note 1)
D5
VOL
Low-level output voltage
0.40
V
IOL = 3.0 mA @ VCC = 2.5V
D6
ILI
Input leakage current
±1
μAVIN = VSS or VCC
D7
ILO
Output leakage current
±1
μAVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D9
ICC Read Operating current
400
1
μA
mA
24XX128, 256, 512: VCC = 5.5V,
SCL = 400 kHz
All except 24XX128, 256, 512:
VCC = 5.5V, SCL = 400 kHz
ICC Write
3
5
mA
mA
VCC = 5.5V, All except 24XX512
VCC = 5.5V, 24XX512
D10
ICCS
Standby current
1
μATA = -40°C to +85°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
—5
μATA = -40°C to 125°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
—50
μA
24C01C and 24C02C only
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
Note 1: This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24LC128T-EST

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
24LC128T-E-P ARTSCHIP-24LC128T-E-P Datasheet
1Mb / 10P
   CMOS Serial EEPROM
24LC128T-E-SM ARTSCHIP-24LC128T-E-SM Datasheet
1Mb / 10P
   CMOS Serial EEPROM
24LC128T-E-ST ARTSCHIP-24LC128T-E-ST Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Microchip Technology
24LC128T-E/CS15K MICROCHIP-24LC128T-E/CS15K Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24LC128T-E/MC MICROCHIP-24LC128T-E/MC Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
More results

Similar Description - 24LC128T-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com