Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3U7905 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G3U7905
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G3U7905 Datasheet(HTML) 1 Page - GTM CORPORATION

  G3U7905 Datasheet HTML 1Page - GTM CORPORATION G3U7905 Datasheet HTML 2Page - GTM CORPORATION G3U7905 Datasheet HTML 3Page - GTM CORPORATION G3U7905 Datasheet HTML 4Page - GTM CORPORATION G3U7905 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G3U79XX
Page: 1/5
ISSUED DATE :2006/07/17
REVISED DATE :
G
G 33U
U 7799X
X X
X
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
Description
The G3U79XX series of fixed-voltage monolithic integrated-circuit voltage regulators are designed to
complement Series G3U78XX in a wide range of applications. These applications include on-card regulation
for elimination of noise and distribution problems associated with single-point regulation. Each of these
regulators can deliver up to 1.0 amperes of output current. The internal current limiting and thermal shutdown
features of these regulators make them essentially immune to overload. In addition to use as fixed-voltage
regulators, these devices can be used with external components to obtain adjustable output voltage and
current and also as the power pass element in precision regulators.
Features
&-5V, -6V, -8V, -9V, -12V, -15V, -18V, -24V output voltage available
&Internal Thermal Overload Protection
&Internal Short-Circuit Current Limiting
&No External Components
&Output Transistor Safe-Area Compensation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.76
1.00
b2
1.17
1.47
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
2.54 REF.
L3
1.50 REF.
L
14.6
15.8
L1
2.29
2.79
E
9.80
10.4
L2
1.27 REF.
Absolute Maximum Ratings (Ta=25 : )
Parameter
Ratings
Unit
G3U7905 ~ 18
-35V
V
I
nput voltage
G3U7924
-40V
V
Output current
1.0
A
Operating junction temperature range
0 ~ 150
:
Storage temperature range
-55 ~ 150
:
Thermal resistance junction-air (R JA)
65
: /W
Thermal resistance junction-cases (R JC)
5
: /W


Similar Part No. - G3U7905

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U7905A GTM-G3U7905A Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - G3U7905

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XX GTM-GJ79XX Datasheet
159Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L005 TOSHIBA-TA79L005 Datasheet
498Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79L05F TOSHIBA-TA79L05F Datasheet
509Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GI79XX GTM-GI79XX Datasheet
162Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com