Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5ELM2576 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # G5ELM2576
Description  Simple Switcher 3A Step-Down Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G5ELM2576 Datasheet(HTML) 2 Page - GTM CORPORATION

  G5ELM2576 Datasheet HTML 1Page - GTM CORPORATION G5ELM2576 Datasheet HTML 2Page - GTM CORPORATION G5ELM2576 Datasheet HTML 3Page - GTM CORPORATION G5ELM2576 Datasheet HTML 4Page - GTM CORPORATION G5ELM2576 Datasheet HTML 5Page - GTM CORPORATION G5ELM2576 Datasheet HTML 6Page - GTM CORPORATION G5ELM2576 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G5ELM2576
Page: 2/7
ISSUED DATE :2005/04/15
REVISED DATE :
Block Diagram
Absolute Maximum Ratings (Note1)
Parameter
Ratings
Unit
Maximum Supply Voltage
45
V
ON/OFF pin input Voltage
-0.3 V +VIN
V
Output Voltage to ground (steady state)
-1
V
Power dissipation
Internally Limited
Storage Temperature
-65 ~ +150
:
Maximum junction temperature
+150
:
Minimum ESD rating (C=100pF, R=1.5k )
2k
V
Lead temperature (soldering, 10seconds)
+260
:
Operating Ratings
Parameter
Ratings
Unit
Temperature range
-40 TJ +125
:
Supply Voltage
40
V
G5ELM2576-3.3 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
System Parameters (Note3) Test Circuit Figure 2
Output Voltage
VOUT V
IN
=12V, ILOAD=0.5A
Circuit of Figure 2
3.234
3.3
3.366
V
Output Voltage
VOUT 6V V
IN
40V, 0.5A ILOAD 3A
Circuit of Figure 2
3.168/3.135
3.3
3.432/3.465
V
Efficiency
VIN=12V, ILOAD=3A
75
%
G5ELM2576-5.0 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
System Parameters (Note3) Test Circuit Figure 2
Output Voltage
VOUT V
IN
=12V, ILOAD=0.5A
Circuit of Figure 2
4.9
5.0
5.1
V
Output Voltage
VOUT 8V V
IN
40V, 0.5A ILOAD 3A
Circuit of Figure 2
4.80/4.75
5.0
5.20/5.25
V
Efficiency
VIN=12V, ILOAD=3A
77
%
3.3V, R2=17k
5.0V, R2=3.1k
12V, R2=8.84k
15V, R2=11.3k
For Adjustable version, R1=open, R2=0


Similar Part No. - G5ELM2576

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
More results

Similar Description - G5ELM2576

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com