Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5J2596M Datasheet(PDF) 2 Page - GTM CORPORATION

Part # G5J2596M
Description  150 KHz, 3A PWM Step-Down DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G5J2596M Datasheet(HTML) 2 Page - GTM CORPORATION

  G5J2596M Datasheet HTML 1Page - GTM CORPORATION G5J2596M Datasheet HTML 2Page - GTM CORPORATION G5J2596M Datasheet HTML 3Page - GTM CORPORATION G5J2596M Datasheet HTML 4Page - GTM CORPORATION G5J2596M Datasheet HTML 5Page - GTM CORPORATION G5J2596M Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G5J2596M
Page: 2/6
ISSUED DATE :2006/03/09
REVISED DATE :2006/05/17B
Pin Function
Pin Name
Pin#
Function
VIN
1
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor
must be present at this pin to minimize voltage transients and to supply the switching current
needed by regulator.
Output
2
Internal switch. The voltage at this pin switches between (+VIN - VSAT) and approximately -0.5V,
with a duty cycle of approximately VOUT/VIN. To minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be keep to a minimum.
Ground
3
Circuit ground
Feedback(FB)
4
Senses the regulated output voltage to complete the feedback loop
.
ON/OFF(SD)
5
Allows the switching regulator circuit to be shutdown using logic level signals. Thus drop the total
input supply current to approximately 150 A. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of
18V) shuts the regulator down. If this shutdown feature is not needed, ON/OFF pin can be wired to
the ground pin.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC
24
V
ON/OFF Pin Input Voltage
VSD
-0.3 ~ +18
V
Feedback Pin Voltage
VFB
-0.3 ~ +18
V
Output Voltage to ground
VOUT
-1
V
Power Dissipation
PD
Internally Limited
W
Storage Temperature
TST
-65 ~ +150
:
Operating temperature
TOP
-40 ~ +125
:
Operating Voltage
VOP
+4.5 ~ +22
V
G5J2596M Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Feedback
VFB
5 VIN 22V, 0.2A ILOAD 3A
VOUT=3V
1.180/1.168 1.230 1.280/1.292
V
Efficiency
VIN=12V, ILOAD=3A, VOUT=3V
74
%
G5J2596M-33 Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Feedback
VFB
5.5V VIN 22V
0.2A ILOAD 3A
3.168/3.135
3.3
3.432/3.465
V
Efficiency
VIN=12V, ILOAD=3A
75
%
G5J2596M-50 Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Feedback
VFB
8V VIN 22V
0.2A ILOAD 3A
4.80/4.75
5.0
5.20/5.25
V
Efficiency
VIN=12V, ILOAD=3A
80
%
G5J2596M-12 Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Feedback
VFB
15V VIN 22V
0.2A ILOAD 3A
11.52/11.40
12
12.48/12.60
V
Efficiency
VIN=16V, ILOAD=3A
89
%


Similar Part No. - G5J2596M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5J2167 GTM-G5J2167 Datasheet
766Kb / 6P
   750mA CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5J2167 ETL-G5J2167 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5J2167-15 ETL-G5J2167-15 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5J2167-25 ETL-G5J2167-25 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
GTM CORPORATION
G5J2187 GTM-G5J2187 Datasheet
807Kb / 7P
   750mA CMOS Positive Voltage Regulator
More results

Similar Description - G5J2596M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
   150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com