Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5M1119 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # G5M1119
Description  0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G5M1119 Datasheet(HTML) 2 Page - GTM CORPORATION

  G5M1119 Datasheet HTML 1Page - GTM CORPORATION G5M1119 Datasheet HTML 2Page - GTM CORPORATION G5M1119 Datasheet HTML 3Page - GTM CORPORATION G5M1119 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G5M1119
Page: 2/4
ISSUED DATE :2005/11/28
REVISED DATE :
Pin Descriptions
Name
Pin#
Function
GND
1
Ground
Vout
2
The output of the regulator. A minimum of 10 F capacitor must be connected from
this pin to ground to insure stability.
Vin
3
The input pin of regulator. Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response .This pin must always be 1.3V
higher than Vout in order for the device to regulate properly.
EN
5
The input pin of regulator. TTL/COMS compatible input Logic high=disable output,
Logic Low or open= Enable output. (internal Pull-down resistor~100k).
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VIN
DC Supply Voltage
-0.3 to 18
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max Unit
G5M1119-1.5
Io=10mA, TJ=25 ,
: 3V VIN 12V
1.470 1.500 1.530
V
G5M1119-1.8
Io=10mA, TJ=25 ,
: 3.3V VIN 12V
1.764 1.800 1.836
V
G5M1119-2.5
Io=10mA, TJ=25 ,
: 4V VIN 12V
2.450 2.500 2.550
V
G5M1119-3.3
Io=10mA, TJ=25 ,
: 4.8V VIN 12V
3.235 3.300 3.365
V
G5M1119-5.0
Io=10mA, TJ=25 ,
: 6.5V VIN 12V
4.900 5.000 5.100
V
G5M1119-9.0
Io=10mA, TJ=25 ,
: 10.5V VIN 18V
8.820 9.000 9.180
V
Output Voltage
G5M1119-12.0
Io=10mA, TJ=25 ,
: 13.5V VIN 18V
11.76 12.00 12.24
V
Line Regulation
G5M1119-XXX
Io=10mA, VOUT+1.5V< VIN <15V, TJ=25 :
-
-
0.2
%
G5M1119-1.5
VIN=3.0V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
12
15
mV
G5M1119-1.8
VIN=3.3V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
15
18
mV
G5M1119-2.5
VIN=4.0V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
20
25
mV
G5M1119-3.3
VIN=5.0V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
26
33
mV
G5M1119-5.0
VIN=8.0V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
40
50
mV
G5M1119-9.0
VIN=12V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
70
90
mV
Load Regulation
G5M1119-12.0
VIN=15V, 0mA< Io <0.5A, TJ=25 : (Note 1,2)
-
100
120
mV
Dropout Voltage
(VIN-VOUT)
G5M1119-XXX
Io=0.5A, ( VOUT =0.1% VOUT)
-
1.1
1.3
V
Current Limit
G5M1119-XXX
VIN-VOUT=5V
0.6
-
-
A
Minimum Load Current
G5M1119-XXX
0 : TJ 125 :
-
-
10
mA
Logic Low (ON)
-
-
0.8
Enable Input Voltage
G5M1119-XXX
Logic High (OFF)
2.0
-
-
V
VEN=0.8
-
-
10
Enable Input Current
G5M1119-XXX
VEN=2.0
-
-
30
uA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008 0.04 %/W
F=120HZ,COUT=25uF Tantalum, IOUT=0.5A
dB
Ripple Rejection
G5M1119-XXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%


Similar Part No. - G5M1119

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5M2111 GTM-G5M2111 Datasheet
745Kb / 5P
   CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
GTM CORPORATION
G5M2163 GTM-G5M2163 Datasheet
545Kb / 7P
   CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5M2163 ETL-G5M2163 Datasheet
562Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2163-15 ETL-G5M2163-15 Datasheet
562Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results

Similar Description - G5M1119

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
   0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com