Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC512-EMS Datasheet(PDF) 9 Page - Microchip Technology

Part # 24FC512-EMS
Description  I2C??Serial EEPROM Family Data Sheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC512-EMS Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24FC512-EMS Datasheet HTML 5Page - Microchip Technology 24FC512-EMS Datasheet HTML 6Page - Microchip Technology 24FC512-EMS Datasheet HTML 7Page - Microchip Technology 24FC512-EMS Datasheet HTML 8Page - Microchip Technology 24FC512-EMS Datasheet HTML 9Page - Microchip Technology 24FC512-EMS Datasheet HTML 10Page - Microchip Technology 24FC512-EMS Datasheet HTML 11Page - Microchip Technology 24FC512-EMS Datasheet HTML 12Page - Microchip Technology 24FC512-EMS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 9
24AAXX/24LCXX/24FCXX
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
A0, A1, A2 Chip Address Inputs
The A0, A1 and A2 pins are not used by the 24XX01
through 24XX16 devices.
The A0, A1 and A2 inputs are used by the 24C01C,
24C02C, 24XX014, 24XX024, 24XX025 and the
24XX32 through 24XX512 for multiple device opera-
tions. The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
For the 24XX128 and 24XX256 in the MSOP package
only, pins A0 and A1 are not connected.
Up to eight devices (two for the 24XX128 and
24XX256 MSOP package) may be connected to the
same bus by using different Chip Select bit
combinations.
In most applications, the chip address inputs A0, A1
and A2 are hard-wired to logic ‘0’ or logic ‘1’. For
applications in which these pins are controlled by a
microcontroller or other programmable device, the chip
address pins must be driven to logic ‘0’ or logic ‘1’
before normal device operation can proceed.
3.2
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open drain
terminal. Therefore, the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400kHz and 1MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
3.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
3.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied
to VSS, write operations are enabled. If tied to VCC,
write operations are inhibited but read operations are
not affected. See Table 1-1 for the write-protect
scheme of each device.
3.5
Power Supply (VCC)
A VCC threshold detect circuit is employed which
disables the internal erase/write logic if VCC is below
1.5V at nominal conditions. For the 24C00, 24C01C
and 24C02C devices, the erase/write logic is disabled
below 3.8V at nominal conditions.
Pin
Name
8-Pin
PDIP and
SOIC
8-Pin
TSSOP and
MSOP
5-Pin SOT-23
24XX00
5-Pin SOT-23
All except
24XX00
14-Pin
TSSOP
8-Pin
5x6 DFN and
2x3 DFN
Function
A0
1
1(1)
1
1
User configurable Chip Select(3)
A1
2
2(1)
——
2
2
User configurable Chip Select(3)
A2
3
3
6
3
User configurable Chip Select(3)
VSS
4
4
2
2
7
4
Ground
SDA
5
5
3
3
8
5
Serial Data
SCL
6
6
1
1
9
6
Serial Clock
(NC)
4
3, 4, 5,
10, 11, 12
Not Connected
WP
7(2)
7(2)
5
13
7
Write-Protect Input
VCC
8
8
5
4
14
8
Power Supply
Note 1:
Pins 1 and 2 are not connected for the 24XX128 and 24XX256 MSOP packages.
2:
Pin 7 is not used for 24XX00, 24XX025 and 24C01C.
3:
Pins A0, A1 and A2 are not used by some devices (no internal connections). See Table 1-1 for details.


Similar Part No. - 24FC512-EMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC512-E/CS17K MICROCHIP-24FC512-E/CS17K Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24FC512-E/MF MICROCHIP-24FC512-E/MF Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
24FC512-E/MF MICROCHIP-24FC512-E/MF Datasheet
419Kb / 28P
   512K I2C??CMOS Serial EEPROM
2008
24FC512-E/MF MICROCHIP-24FC512-E/MF Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24FC512-E/MFG MICROCHIP-24FC512-E/MFG Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
More results

Similar Description - 24FC512-EMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com