Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD16A51R0GL13 Datasheet(PDF) 3 Page - Bi technologies

Part # SPD16A51R0GL13
Description  Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SPD16A51R0GL13 Datasheet(HTML) 3 Page - Bi technologies

  SPD16A51R0GL13 Datasheet HTML 1Page - Bi technologies SPD16A51R0GL13 Datasheet HTML 2Page - Bi technologies SPD16A51R0GL13 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nichrome on Silicon
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
August 25, 2006
page 3 of 3
BI technologies
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
4
4
4
4
PACKAGE TYPE
PACKAGE TYPE
PACKAGE TYPE
PACKAGE TYPE
Package Codes
Lead count
Mechanical Outline
5
QSOP
QS
16,20, 24
MO-137
SOIC Narrow Body
SN
8, 14, 16
MS-012
SOIC Wide Body
SW
16
MS-013
P-DIP
PD
8, 14, 16
MS-001
RESISTANCE
RESISTANCE
RESISTANCE
RESISTANCE
6
6
6
6
First 3 digits are significant. Fourth digit denotes number of trailing zeros. For values less than 100, use “R” to denote a
decimal point. Example, 51 and 10000 ohms is coded as 51R0 and 1002 respectively.
RESISTANCE TOLERAN
RESISTANCE TOLERAN
RESISTANCE TOLERAN
RESISTANCE TOLERANCE
CE
CE
CE
5
5
5
5
Accuracy Code at 25°C
A
B
D
F
G
J
Absolute Resistance Tolerances (%)
±0.1
±0.1
±0.5
±1.0
±2.0
±5.0
Ratio Tolerances (R1 Ref) (%)
±0.05
±0.1
±0.1
±1.0
N/A
N/A
TEMPERATURE COEFFICI
TEMPERATURE COEFFICI
TEMPERATURE COEFFICI
TEMPERATURE COEFFICIENT OF RESISTANCE (T
ENT OF RESISTANCE (T
ENT OF RESISTANCE (T
ENT OF RESISTANCE (TCR)
CR)
CR)
CR)
7
7
7
7
TCR Code (-55°C to 125°C)
Q
P
S
L
Absolute (ppm/°C)
±25
±50
±100
±200
Tracking (R1 Ref) (ppm/°C)
±5
±5
N/A
N/A
4
Contact customer service for custom designs and features.
5
JEDEC (Publication 95) Reference only.
6
Consult factory for custom resistance values.
7
Consult factory for custom tolerance values.
S QS 16 A XXXX F S LF 13
Model Series:
S = Passivated Nichrome
on Silicon
Package Type:
Lead Count:
Circuit Type:
A=Isolated
B=Bussed
Resistance Code
Packaging Option:
7=7” Tape & Reel
13 = 13" Tape & Reel
(No Code used for Tubes)
Lead Finish:
No Code=SnPb
LF=Lead Free
TCR Code
Tolerance Code


Similar Part No. - SPD16A51R0GL13

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD1001 SSDI-SPD1001 Datasheet
173Kb / 2P
   1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SPD1002 SSDI-SPD1002 Datasheet
30Kb / 2P
   2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
30Kb / 2P
   2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
108Kb / 2P
   SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
SPD100G ETC1-SPD100G Datasheet
51Kb / 4P
   Smartec Pressure Sensor
More results

Similar Description - SPD16A51R0GL13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
List of Unclassifed Man...
668-A-1001F ETC-668-A-1001F Datasheet
135Kb / 3P
   Isolated and bussed circuits Thin film resistor network 0.150??SOIC packages RoHS compliant available
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
   Isolated and bussed circuits
logo
List of Unclassifed Man...
664-A-5002B ETC2-664-A-5002B Datasheet
135Kb / 3P
   Isolated and bussed circuits
logo
Bi technologies
664 BITECH-664_12 Datasheet
390Kb / 3P
   Isolated and bussed circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com