Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68 Datasheet(PDF) 11 Page - Simtek Corporation

Part # STK11C68
Description  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK11C68 Datasheet HTML 7Page - Simtek Corporation STK11C68 Datasheet HTML 8Page - Simtek Corporation STK11C68 Datasheet HTML 9Page - Simtek Corporation STK11C68 Datasheet HTML 10Page - Simtek Corporation STK11C68 Datasheet HTML 11Page - Simtek Corporation STK11C68 Datasheet HTML 12Page - Simtek Corporation STK11C68 Datasheet HTML 13Page - Simtek Corporation STK11C68 Datasheet HTML 14Page - Simtek Corporation STK11C68 Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
Millitary Ordering Information
Temperature Range
M = Military (–55 to 125°C)
Access Time
35 = 35ns
45 = 45ns
55 = 55ns
Package
C = Ceramic 28-pin 300 mil DIP (gold lead finish)
K = Ceramic 28-pin 300 mil DIP (solder dip finish)
L = Ceramic 28 pin LCC
Retention / Endurance
5 = Military (10 years/105cycles)
Lead Finish
A = Solder DIP lead finish
C = Gold lead DIP finish
X = Lead finish “A” or “C” is acceptable
Package
MX = Ceramic 28 pin 300-mil DIP
MY = Ceramic 28 pin LCC
Device Class Indication—Class M
Access Time
04 = 55ns
05 = 45ns
06 = 35ns
- 5 C 45 M
STK11C68
SMD5962-92324 04 MX X


Similar Part No. - STK11C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK11C68-5C35M ETC-STK11C68-5C35M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Cypress Semiconductor
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com