Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-NF45ITR Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK14C88-NF45ITR
Description  32Kx8 AutoStore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-NF45ITR Datasheet(HTML) 1 Page - Simtek Corporation

  STK14C88-NF45ITR Datasheet HTML 1Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 2Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 3Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 4Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 5Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 6Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 7Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 8Page - Simtek Corporation STK14C88-NF45ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
STK14C88
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
February 2007
Document Control #ML0014 Rev 0.3
FEATURES
• 25, 35, 45 ns Read Access & R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or
Software Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 1 Million STORE Cycles
• 100-Year Non-volatile Data Retention
• Single 5V ± 10% Power Supply
• Commercial, Industrial, Military Temperatures
• 32-Pin 300 mil SOIC (RoHS-Compliant)
• 32-pin CDIP and LCC Packages
DESCRIPTION
The Simtek STK14C88 is a 256Kb fast static RAM
with a non-volatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM.
Data transfers automatically to the non-volatile stor-
age cells when power loss is detected (the STORE
operation). On power up, data is automatically
restored to the SRAM (the RECALL operation). Both
STORE and RECALL operations are also available
under software control.
The Simtek nvSRAM is the first monolithic non-vola-
tile memory to offer unlimited writes and reads. It is
the highest performance, most reliable non-volatile
memory available.
BLOCK DIAGRAM
A0 A1 A2 A3 A4 A10
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
Quantum Trap
512 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
G
E
W
HSB
VCCX
VCAP
A0 - A13
32Kx8 AutoStore nvSRAM


Similar Part No. - STK14C88-NF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-NF45ITR SIMTEK-STK14C88-NF45ITR Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-NF45ITR CYPRESS-STK14C88-NF45ITR Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
More results

Similar Description - STK14C88-NF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com