Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-3WF35ITR Datasheet(PDF) 2 Page - Simtek Corporation

Part # STK14C88-3WF35ITR
Description  32Kx8 AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-3WF35ITR Datasheet(HTML) 2 Page - Simtek Corporation

  STK14C88-3WF35ITR Datasheet HTML 1Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 2Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 3Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 4Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 5Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 6Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 7Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 8Page - Simtek Corporation STK14C88-3WF35ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
February 2007
Document Control #ML0015 Rev 0.6
STK14C88-3
32-Pin SOIC
32-Pin PDIP
VCCX
VCAP
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
29
30
31
32
NC
NC
A13
A14
A8
A9
A11
G
HSB
W
A10
E
A12
A7
A6
A5
A4
A3
A2
A1
A0
Portagee
Joe
DQ0
DQ2
DQ1
VSS
DQ7
DQ6
DQ5
DQ4
DQ3
PIN DESCRIPTIONS
Pin Name
I/O
Description
A14-A0
Input
Address: The 15 address inputs select one of 32,768 bytes in the nvSRAM array
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM
E
Input
Chip Enable: The active low E input selects the device
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address
location latched by the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tri-state.
VCCX
Power Supply
Power: 3.3V, ± 10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress. When pulled
low external to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor
keeps this pin high if not connected. (Connection Optional).
VCAP
Power Supply
AutoStore Capacitor: Supplies power to nvSRAM during power loss to store data from
SRAM to nonvolatile storage elements.
VSS
Power Supply
Ground


Similar Part No. - STK14C88-3WF35ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3WF35I ETC-STK14C88-3WF35I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3WF35I SIMTEK-STK14C88-3WF35I Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3WF35I CYPRESS-STK14C88-3WF35I Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK14C88-3WF35ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com