Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-CF35ITR Datasheet(PDF) 3 Page - Simtek Corporation

Part # STK14C88-CF35ITR
Description  32Kx8 AutoStore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-CF35ITR Datasheet(HTML) 3 Page - Simtek Corporation

  STK14C88-CF35ITR Datasheet HTML 1Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 2Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 3Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 4Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 5Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 6Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 7Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 8Page - Simtek Corporation STK14C88-CF35ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
STK14C88
February 2007
Document Control #ML0014 Rev 0.3
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 7.0V
Voltage on Input Relative to VSS . . . . . . . . . .–0.6V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
e
Note b:
ICC
1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c:
ICC
2 and ICC4 are the average currents required for the duration of the respective
STORE
cycles (tSTORE ) .
Note d:
E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
Note e:
VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is con-
nected to ground.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL/
Military
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
b
Average VCC Current
97
80
70
100
85
70
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC2
c
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ICC4
c
Average VCAP Current during AutoStore
Cycle
22
mA
All Inputs Don’t Care
ISB1
d
Average VCC Current
(Standby, Cycling TTL Input Levels)
30
25
22
31
26
23
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
ISB2
d
VCC Standby Current
(Standby, Stable CMOS Input Levels)
1.5
1.5
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA except HSB
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA except HSB
VBL
Logic “0” Voltage on HSB Output
0.4
0.4
V
IOUT = 3mA
TA
Operating Temperature
0
70
- 40/-55
85/125
°C
AC TEST CONDITIONS
CAPACITANCEf
(TA = 25°C, f = 1.0MHz)
Note f:
These parameters are guaranteed but not tested.
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
5
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
Figure 1
: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE


Similar Part No. - STK14C88-CF35ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-C25 ETC-STK14C88-C25 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C25I ETC-STK14C88-C25I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C25M ETC-STK14C88-C25M Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C35 ETC-STK14C88-C35 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C35I ETC-STK14C88-C35I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK14C88-CF35ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com