Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C88-3P25 Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK11C88-3P25
Description  32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-3P25 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK11C88-3P25 Datasheet HTML 2Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 3Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 4Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 5Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 6Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 7Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 8Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 9Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STK11C88-3
March 2006
7
Document Control # ML0013 rev 0.2
The STK11C88-3 is a versatile 3.3V V
CC memory
chip that provides several modes of operation. The
STK11C88-3 can operate as a standard 32K x 8
SRAM
. It has a 32K x 8 Nonvolatile Elements
shadow to which the SRAM information can be cop-
ied or from which the SRAM can be updated in non-
volatile mode.
NOISE CONSIDERATIONS
Note that the STK11C88-3 is a high-speed memory
and so must have a high frequency bypass capaci-
tor of approximately 0.1
μF connected between V
CC
and V
SS, using leads and traces that are as short as
possible. As with all high-speed CMOS ICs, normal
careful routing of power, ground and signals will
help prevent noise problems.
SRAM READ
The STK11C88-3 performs a READ cycle whenever
E and G are low and W is high. The address speci-
fied on pins A
0-14 determines which of the 32,768
data bytes will be accessed. When the READ is initi-
ated by an address transition, the outputs will be
valid after a delay of t
AVQV (READ cycle #1). If the
READ
is initiated by E or G, the outputs will be valid
at t
ELQV or at tGLQV, whichever is later (READ cycle #2).
The data outputs will repeatedly respond to address
changes within the t
AVQV access time without the need
for transitions on any control input pins, and will
remain valid until another address change or until E
or G is brought high.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
SOFTWARE NONVOLATILE STORE
The STK11C88-3 software STORE cycle is initiated
by executing sequential READ cycles from six spe-
cific address locations. During the STORE cycle an
erase of the previous nonvolatile data is first per-
formed, followed by a program of the nonvolatile
elements. The program operation copies the SRAM
data into nonvolatile memory. Once a STORE cycle
is initiated, further input and output are disabled until
the cycle is completed.
Because a
sequence of
reads from
specific
addresses is used for STORE initiation, it is impor-
tant that no other READ or WRITE accesses inter-
vene in the sequence, or the sequence will be
aborted and no STORE or RECALL will take place.
To initiate the software STORE cycle, the following
READ
sequence must be performed:
1.
Read address
0E38 (hex)
Valid READ
2.
Read address
31C7 (hex)
Valid READ
3.
Read address
03E0 (hex)
Valid READ
4.
Read address
3C1F (hex)
Valid READ
5.
Read address
303F (hex)
Valid READ
6.
Read address
0FC0 (hex)
Initiate STORE cycle
The software sequence is clocked with E controlled
READ
s.
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the
chip will be disabled. It is important that READ cycles
and not WRITE cycles be used in the sequence,
although it is not necessary that G be low for the
sequence to be valid. After the t
STORE cycle time has
been fulfilled, the SRAM will again be activated for
READ
and WRITE operation.
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence
of READ operations in a manner similar to the soft-
ware STORE initiation. To initiate the RECALL cycle,
the following sequence of READ operations must be
performed:
1.
Read address
0E38 (hex)
Valid READ
2.
Read address
31C7 (hex)
Valid READ
3.
Read address
03E0 (hex)
Valid READ
4.
Read address
3C1F (hex)
Valid READ
5.
Read address
303F (hex)
Valid READ
6.
Read address
0C63 (hex)
Initiate RECALL cycle
DEVICE OPERATION


Similar Part No. - STK11C88-3P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88-N20 ETC1-STK11C88-N20 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N20I ETC1-STK11C88-N20I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25 ETC1-STK11C88-N25 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25I ETC1-STK11C88-N25I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N35 ETC1-STK11C88-N35 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Similar Description - STK11C88-3P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com