Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C88-3P25 Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK11C88-3P25
Description  32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-3P25 Datasheet(HTML) 1 Page - Simtek Corporation

  STK11C88-3P25 Datasheet HTML 1Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 2Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 3Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 4Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 5Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 6Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 7Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 8Page - Simtek Corporation STK11C88-3P25 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2006
1
Document Control # ML0013 rev 0.2
STK11C88-3
32K x 8 nvSRAM
3.3V QuantumTrap™ CMOS
Nonvolatile Static RAM
Obsolete - Not Recommend for new Deisgns
FEATURES
• 35, 45ns and 55ns Access Times
• STORE to Nonvolatile Elements Initiated by
Software
• RECALL to SRAM Initiated by Software or
Power Restore
• 10 mA Typical Icc at 200 nsec Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Ele-
ments
• 100-Year Data Retention in Nonvolatile Ele-
ments
• Single 3.3V+ 0.3V Operation
• Commercial and Industrial Temperatures
• 28-Pin DIP and SOIC Packages
DESCRIPTION
The Simtek STK11C88-3 is a fast static RAM with a
nonvolatile element incorporated in each static
memory cell. The SRAM can be read and written an
unlimited number of times, while independent non-
volatile data resides in Nonvolatile Elements. Data
transfers from the SRAM to the Nonvolatile Elements
(the STORE operation), or from Nonvolatile Elements
to SRAM (the RECALL operation) are initiated using a
software sequence. Data transfers from the Nonvol-
atile Elements to the SRAM (the RECALL operation)
also occur upon restoration of power.
BLOCK DIAGRAM
QUANTUM TRAP
512 x 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
STORE/
RECALL
CONTROL
A6
A7
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
A0 - A13
G
E
W
A9
A8
A10
A3
A2
A0 A1
A4
A5
PIN CONFIGURATIONS
PIN NAMES
A0 - A14
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 3.3V)
VSS
Ground
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
A13
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 600 PDIP
28 - 300 SOIC
28 - 350 SOIC


Similar Part No. - STK11C88-3P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88-N20 ETC1-STK11C88-N20 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N20I ETC1-STK11C88-N20I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25 ETC1-STK11C88-N25 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25I ETC1-STK11C88-N25I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N35 ETC1-STK11C88-N35 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Similar Description - STK11C88-3P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com