Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-3NF35I Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK14C88-3NF35I
Description  32Kx8 AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-3NF35I Datasheet(HTML) 1 Page - Simtek Corporation

  STK14C88-3NF35I Datasheet HTML 1Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 2Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 3Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 4Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 5Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 6Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 7Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 8Page - Simtek Corporation STK14C88-3NF35I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STK14C88-3
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
February 2007
Document Control #ML0015 Rev 0.6
FEATURES
• 35, 45 ns Read Access & R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or
Software Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 1 Million STORE Cycles
• 100-Year Non-volatile Data Retention
• Single 3.3V ± 10% Power Supply
• Commercial and Industrial Temperatures
• 32-Pin 300 mil SOIC and 600 mil PDIP Pack-
ages (RoHS-Compliant)
DESCRIPTION
The Simtek STK14C88-3 is a 256Kb fast static RAM
with a non-volatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM.
Data transfers automatically to the non-volatile stor-
age cells when power loss is detected (the STORE
operation). On power up, data is automatically
restored to the SRAM (the RECALL operation). Both
STORE and RECALL operations are also available
under software control.
The Simtek nvSRAM is the first monolithic non-vola-
tile memory to offer unlimited writes and reads. It is
the highest performance, most reliable non-volatile
memory available.
32Kx8 AutoStore nvSRAM
BLOCK DIAGRAM
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A13 – A0
A5
A6
A7
A8
A9
A11
A12
A13
A14
Quatum Trap
512 X 512
STATIC RAM
ARRAY
512 X 512
STORE
RECALL
DQ 0
DQ 1
DQ 2
DQ 3
DQ 4
DQ 5
DQ 6
DQ 7
A0 A1 A2 A3 A4 A10
VCCX
VCAP


Similar Part No. - STK14C88-3NF35I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3NF35I ETC-STK14C88-3NF35I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF35I SIMTEK-STK14C88-3NF35I Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF35I CYPRESS-STK14C88-3NF35I Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3NF35I CYPRESS-STK14C88-3NF35I Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
Simtek Corporation
STK14C88-3NF35ITR SIMTEK-STK14C88-3NF35ITR Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-3NF35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com