Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK16C88-3 Datasheet(PDF) 11 Page - Simtek Corporation

Part # STK16C88-3
Description  32Kx8 AutoStore nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK16C88-3 Datasheet HTML 4Page - Simtek Corporation STK16C88-3 Datasheet HTML 5Page - Simtek Corporation STK16C88-3 Datasheet HTML 6Page - Simtek Corporation STK16C88-3 Datasheet HTML 7Page - Simtek Corporation STK16C88-3 Datasheet HTML 8Page - Simtek Corporation STK16C88-3 Datasheet HTML 9Page - Simtek Corporation STK16C88-3 Datasheet HTML 10Page - Simtek Corporation STK16C88-3 Datasheet HTML 11Page - Simtek Corporation STK16C88-3 Datasheet HTML 12Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
STK16C88-3
February, 2007
Document Control #ML0019 Rev 0.3
PACKAGE DRAWING
28 Pin 600 mil PDIP
0.530
0.550
13.46
13.97
(
)
0.040
0.050
1.02
1.27
(
)
Pin 1
Index
DIM = INCHES
MIN
MAX
DIM = mm
MIN
MAX
(
)
0.10
(2.54)
BSC
0.125 (3.18)
MIN
0.014
0.022
0.36
0.56
(
)
0.045
0.060
1.14
1.52 )
(
0.015 (0.38)
----
----
----
----
(4.57) .180
1.440
1.460
36.58
37.08
(
)
15.11
(
)
0.595
0.625
0.008
0.015
15
o
15.88
0.20
0.38
(
)
0.600
0.660 (
15.24
16.76)
0
o


Similar Part No. - STK16C88-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK16C88-35 ETC1-STK16C88-35 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-35I ETC1-STK16C88-35I Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK16C88-3

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com