Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK16C88-WF45 Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK16C88-WF45
Description  32Kx8 AutoStore nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-WF45 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK16C88-WF45 Datasheet HTML 3Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 4Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 5Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 6Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 7Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 8Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 9Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 10Page - Simtek Corporation STK16C88-WF45 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
STK16C88
February, 2007
Document Control #ML0018 Rev 0.3
SOFTWARE STORE/RECALL MODE SELECTION
Note l:
The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note m: While there are 15 addresses on the STK16C88, only the lower 14 are used to control software modes.
SOFTWARE STORE/RECALL CYCLEn, o
(VCC = 5.0V ± 10%)
Note n:
The software sequence is clocked with E controlled reads.
Note o:
The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0E38, 31C7, 03E0, 3C1F,
303F, 0FC0) for a STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledo
E
W
A13 - A0 (hex)
MODE
I/O
NOTES
L
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l, m
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l, m
NO.
SYMBOLS
PARAMETER
STK16C88-25
STK16C88-45
UNITS
MIN
MAX
MIN
MAX
26
tAVAV
STORE/RECALL Initiation Cycle Time
25
45
ns
27
tAVEL
n
Address Set-up Time
0
0
ns
28
tELEH
n
Clock Pulse Width
20
30
ns
29
tELAX
g, n
Address Hold Time
20
20
ns
30
tRECALL
RECALL Cycle Duration
20
20
μs
31
tSTORE
STORE Cycle Duration
10
10
ms
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
26
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
26
tAVAV
27
tAVEL
28
tELEH
29
tELAX
31
30
tSTORE / tRECALL


Similar Part No. - STK16C88-WF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C88-WF45 SIMTEK-STK16C88-WF45 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-WF45 CYPRESS-STK16C88-WF45 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK16C88-WF45I SIMTEK-STK16C88-WF45I Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-WF45I CYPRESS-STK16C88-WF45I Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK16C88-WF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com