Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK17T88-RF25ITR Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK17T88-RF25ITR
Description  32K x 8 AutoStore nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF25ITR Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK17T88-RF25ITR Datasheet HTML 4Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 5Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 6Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 7Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 8Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 9Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 10Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 11Page - Simtek Corporation STK17T88-RF25ITR Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
March 2007
Document Control #ML0024 Rev 1.7
STK17T88
AutoStore/POWER-UP RECALL
note i: tHRECALL starts from the time VCC rises above VSWITCH
note j: If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
note k: Industrial Grade Devices require 15 ms MAX.
AutoStore/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK17T88
UNITS
NOTES
Standard
Alternate
MIN
MAX
22
tHRECALL
Power-up RECALL Duration
40
ms
i
23
tSTORE
tHLHZ
STORE
Cycle Duration
12.5
ms
j,k
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
μS
POWER-UP RECALL
VCC
23
tSTORE
22
tHRECALL
24
VSWITCH
AutoStore
TM
POWER DOWN
AutoStore
TM
BROWN OUT
AutoStore
TM
POWER-UP
RECALL
Read & Write Inhibited
25
tVCCRISE
23
tSTORE
22
tHRECALL
POWER-UP
RECALL
STORE
occurs only if a
SRAM write has
happened.
No STORE occurs
without at least one
SRAM write.
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH


Similar Part No. - STK17T88-RF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF25ITR CYPRESS-STK17T88-RF25ITR Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

Similar Description - STK17T88-RF25ITR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com