Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-NF45 Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK14CA8-NF45
Description  128Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-NF45 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK14CA8-NF45 Datasheet HTML 5Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 6Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 7Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 8Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 9Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 10Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 11Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 12Page - Simtek Corporation STK14CA8-NF45 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK14CA8
9
February 2007
Document Control #ML0022 Rev 1.5
HARDWARE STORE CYCLE
Note n: On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete
HARDWARE STORE CYCLE
SYMBOLS
PARAMETER
STK14CA8
UNITS
NOTES
Standard
Alternate
MIN
MAX
1tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μsn
2tHLHX
Hardware STORE Pulse Width
15
ns
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
31
tDELAY
SRAM Enabled
32
tHLHX
SRAM Enabled
23
tSTORE
Soft Sequence Commands
Notes:
o: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register com-
mand.
p: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
SYMBOLS
PARAMETER
STK14
CA8
UNITS
NOTES
Standard
MIN
MAX
1tSS
Soft Sequence Processing Time
70
μso,p
Vcc
34
tSS
ADDRESS
ADDRESS #1
Soft Sequence Command
ADDRESS #6
ADDRESS #1
Soft Sequence Command
ADDRESS #6
34
tSS
34
31
32


Similar Part No. - STK14CA8-NF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8-NF45 ETC-STK14CA8-NF45 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF45 SIMTEK-STK14CA8-NF45 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF45 CYPRESS-STK14CA8-NF45 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14CA8-NF45I ETC-STK14CA8-NF45I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF45I SIMTEK-STK14CA8-NF45I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-NF45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com