Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U630H16XSK25 Datasheet(PDF) 5 Page - Simtek Corporation

Part # U630H16XSK25
Description  HardStore 2K x 8 nvSRAM Die
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16XSK25 Datasheet(HTML) 5 Page - Simtek Corporation

  U630H16XSK25 Datasheet HTML 1Page - Simtek Corporation U630H16XSK25 Datasheet HTML 2Page - Simtek Corporation U630H16XSK25 Datasheet HTML 3Page - Simtek Corporation U630H16XSK25 Datasheet HTML 4Page - Simtek Corporation U630H16XSK25 Datasheet HTML 5Page - Simtek Corporation U630H16XSK25 Datasheet HTML 6Page - Simtek Corporation U630H16XSK25 Datasheet HTML 7Page - Simtek Corporation U630H16XSK25 Datasheet HTML 8Page - Simtek Corporation U630H16XSK25 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
U630H16XS
5
March 31, 2006
STK Control #ML0039
Rev 1.0
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = NE = VIH)f
ta(A)
Output Data Valid
tcR
Address Valid
tv(A)
Ai
DQi
Output
Read Cycle 2: G-, E-controlled (during Read cycle: W = NE = VIH)g
Ai
E
G
DQi
Output
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Address Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
No. Switching Characteristics
Write Cycle
Symbol
25
35
45
Unit
Alt. #1 Alt. #2
IEC
Min. Max. Min. Max. Min. Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
25#
35#
45#
ns
13 Write Pulse Width
tWLWH
tw(W)
20#
30#
35#
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
20#
30#
35#
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
0#
0#
0#
ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH) 20#
30#
35#
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
20#
30#
35#
ns
18 Chip Enable to End of Write
tELEH
tw(E)
20#
30
35#
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12#
18
20#
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
0#
0#
0#
ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
0#
0#
0#
ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
10#
13#
15#
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
5#
5#
5#
ns
(1)
(2)
(9)
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
Previous Data Valid
Output Data Valid


Similar Part No. - U630H16XSK25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16D1A25 ETC-U630H16D1A25 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16D1A25 SIMTEK-U630H16D1A25 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16D1A25G1 ETC-U630H16D1A25G1 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results

Similar Description - U630H16XSK25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com