Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H16DC25G1 Datasheet(PDF) 7 Page - Simtek Corporation

Part # U635H16DC25G1
Description  PowerStore 2K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H16DC25G1 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button U635H16DC25G1 Datasheet HTML 3Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 4Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 5Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 6Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 7Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 8Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 9Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 10Page - Simtek Corporation U635H16DC25G1 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
U635H16
7
March 31, 2006
STK Control #ML0050
Rev 1.0
Nonvolatile Memory Operations
Mode Selection
E
W
A10 - A0
(hex)
Mode
I/O
Power
Notes
H
X
X
Not Selected
Output High Z
Standby
L
H
X
Read SRAM
Output Data
Active
m
L
L
X
Write SRAM
Input Data
Active
L
H
000
555
2AA
7FF
0F0
70F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k
L
H
000
555
2AA
7FF
0F0
70E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k
k:
The six consecutive addresses must be in order listed (000, 555, 2AA, 7FF, 0F0, 70F) for a Store cycle or (000, 555, 2AA, 7FF,0F0, 70E) for
a RECALL cycle. W must be high during all six consecutive cycles.
See STORE cycle and RECALL cycle tables and diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 000, 555, 2AA, 7FF, 0F0, 39C.
l:
Activation of nonvolatile cycles does not depend on the state of G.
m: I/O state assumes that G
≤ V
IL.
No.
PowerStore
Power Up RECALL
Symbol
Conditions
Min.
Max.
Unit
Alt.
IEC
24
Power Up RECALL Durationn, e
tRESTORE
650
μs
25
STORE Cycle Durationf
tPDSTORE
the power supply vol-
tage must stay above
3.6 V at least
10 ms after the start
of the STORE opera-
tion
10
ms
26
time allowed to Complete SRAM Cyclef, e
tDELAY
1
μs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
n:
tRESTORE starts from the time VCC rises above VSWITCH.


Similar Part No. - U635H16DC25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
More results

Similar Description - U635H16DC25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com