Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H256S2K25G1 Datasheet(PDF) 11 Page - Simtek Corporation

Part # U635H256S2K25G1
Description  PowerStore 32K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H256S2K25G1 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button U635H256S2K25G1 Datasheet HTML 6Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 7Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 8Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 9Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 10Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 11Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 12Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 13Page - Simtek Corporation U635H256S2K25G1 Datasheet HTML 14Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
U635H256
11
August 15, 2006
STK Control #ML0051
Rev 1.1
Device Operation
The U635H256 has two separate modes of operation:
SRAM mode and nonvolatile mode. The memory ope-
rates in SRAM mode as a standard fast static RAM.
Data is transferred in nonvolatile mode from SRAM to
EEPROM (the STORE operation) or from EEPROM to
SRAM (the RECALL operation). In this mode SRAM
functions are disabled.
STORE cycles may be initiated under user control via a
software sequence and are also automatically initiated
when the power supply voltage level of the chip falls
below VSWITCH. RECALL operations are automatically
initiated upon power up and may also occur when the
VCC rises above VSWITCH, after a low power condition.
RECALL cycles may also be initiated by a software
sequence.
SRAM READ
The U635H256 performs a READ cycle whenever E
and G are LOW and W is HIGH. The address specified
on pins A0 - A14 determines which of the 32768 data
bytes will be accessed. When the READ is initiated by
an address transition, the outputs will be valid after a
delay of tcR. If the READ is initiated by E or G, the out-
puts will be valid at ta(E) or at ta(G), whichever is later.
The data outputs will repeatedly respond to address
changes within the tcR access time without the need for
transition on any control input pins, and will remain
valid until another address change or until E or G is
brought HIGH or W is brought LOW.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
LOW. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until
either E or W goes HIGH at the end of the cycle. The
data on pins DQ0 - 7 will be written into the memory if it
is valid tsu(D) before the end of a W controlled WRITE or
tsu(D) before the end of an E controlled WRITE.
It is recommended that G is kept HIGH during the
entire WRITE cycle to avoid data bus contention on the
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tdis (W) after W goes LOW.
Automatic STORE
The U635H256 uses the intrinsic system capacitance
to perform an automatic STORE on power down. As
long as the system power supply take at least tPDSTORE
to decay from VSWITCH down to 3.6 V the U635H256 will
safely and automatically STORE the SRAM data in
EEPROM on power down.
In order to prevent unneeded STORE operations, auto-
matic STORE will be ignored unless at least one
WRITE operation has taken place since the most
recent STORE or RECALL cycle. Software initiated
STORE cycles are performed regardless of whether or
not a WRITE operation has taken place.
Automatic RECALL
During power up, an automatic RECALL takes place. At
a low power condition (power supply voltage < VSWITCH)
an internal RECALL request may be latched. As soon
as power supply voltage exceeds the sense voltage of
VSWITCH, a requested RECALL cycle will automatically
be initiated and will take tRESTORE to complete.
If the U635H256 is in a WRITE state at the end of
power up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10 k
Ω resistor should be
connected between W and power supply voltage.
Software Nonvolatile STORE
The U635H256 software controlled STORE cycle is
initiated by executing sequential READ cycles from six
specific address locations. By relying on READ cycles
only, the U635H256 implements nonvolatile operation
while remaining compatible with standard 32K x 8
SRAMs. During the STORE cycle, an erase of the pre-
vious nonvolatile data is performed first, followed by a
parallel programming of all the nonvolatile elements.
Once a STORE cycle is initiated, further inputs and out-
puts are disabled until the cycle is completed.
Because a sequence of addresses is used for STORE
initiation, it is important that no other READ or WRITE
accesses intervene in the sequence or the sequence
will be aborted.
To initiate the STORE cycle the following READ
sequence must be performed:
1.
Read addresses 0E38
(hex) Valid READ
2.
Read addresses 31C7
(hex) Valid READ
3.
Read addresses 03E0
(hex) Valid READ
4.
Read addresses 3C1F (hex) Valid READ
5.
Read addresses 303F
(hex) Valid READ
6.
Read addresses 0FC0 (hex) Initiate STORE
Cycle
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the chip
will be disabled. It is important that READ cycles and
not WRITE cycles be used in the sequence, although it
is not necessary that G be LOW for the sequence to be
valid. After the tSTORE cycle time has been fulfilled, the
SRAM will again be activated for READ and WRITE
operation.


Similar Part No. - U635H256S2K25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H16DC25 SIMTEK-U635H16DC25 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H16DC25G1 SIMTEK-U635H16DC25G1 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H16DC35 SIMTEK-U635H16DC35 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
More results

Similar Description - U635H256S2K25G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com