Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2720-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2720-SM
Description  2.5 GHz 802.16e WiMax Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2720-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2720-SM Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TGA2720-SM
Advance Data Sheet
AD
VA
NC
E
Product Description
The TriQuint TGA2720-SM is a high linearity
MMIC for 2.3 & 2.5 GHz WiMAX IEEE 802.16e
mobile applications. The part is designed using
TriQuint’s
proven
standard
E/D
pHEMT
production process.
The TGA2720-SM delivers 22 dBm linear output
power at 2.5% EVM with 30 dB associated gain
and 16% PAE. The TGA2720-SM employs a gate
bias
temperature
compensation
circuit
for
maintaining
constant
operating
current
over
temperature, an integrated power detector, plus a
25dB step attenuator. The TGA2720-SM utilizes a
positive power supply for both gate and drain for
operation simplicity.
The TGA2720-SM is lead-free & RoHS compliant.
Primary Applications
Key Features
2.5 GHz 802.16e WiMax Amplifier
Package Dimensions: 2.85 x 3.6 x 0.45 mm
Technology: E/D pHEMT
Bias: Vd = 3.3 V @ 120 mA
22 dBm Pout, 16% PAE @ 2.5% EVM (IEEE
802.16e WiMAX signal: 64-QAM, 14 MHz BW)
Return Loss: 10 dB
Gain: 30 dB
Frequency Range: 2.3 – 2.7 GHz
WiMAX / WiBro mobile wireless
communication systems
High Power 802.11b/g
1 2 3 4 5 6
12 11 10 9 8 7
PAen
11
Vd1,2
9
Vd3
8
Psense
7
RFout
6
Gstep
3
NC
2,4,5,10,12
RFin
1
Description
Pin
dB
30
Small Signal Gain
dB
10
Input Return Loss
dB
10
Output Return Loss
%
2.5
Error Vector Magnitude @
+22 dBm Output Burst
Power
%
16
Power Added Efficiency @
+22 dBm, Output Burst
Power
GHz
2.3 – 2.7
Operating Frequency Range
V
3.3
Drain Voltage
mA
120
Drain Current
V
2.8
PA enable Voltage
V
0 / 3
Gain Step Voltage (Hi Gain /
Low Gain)
UNITS
NOMINAL**
PARAMETER
Datasheet subject to change without notice.
** Using an IEEE 802.16e WiMAX signal w/ 64 QAM & 14 MHz BW
TriQuint Semiconductor: www.triquint.com (407) 886-8860 info-broadband@tqs.com
Jan 2007 © Rev -


Similar Part No. - TGA2720-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
TGA2700 TRIQUINT-TGA2700 Datasheet
614Kb / 16P
   X Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
TGA2700EVB QORVO-TGA2700EVB Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
   X Band Driver Amplifier
More results

Similar Description - TGA2720-SM

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
   2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
   2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Fujitsu Component Limit...
MB86K23 FUJITSU-MB86K23 Datasheet
144Kb / 2P
   The Fujitsu IEEE 802.16e-2005 Mobile WiMAX SoC
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
logo
Broadcom Corporation.
AFEM-S257 BOARDCOM-AFEM-S257 Datasheet
191Kb / 14P
   2.5-2.7 GHz WiMAX Coexistence Front End Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com