Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30EPF06PBF Datasheet(PDF) 6 Page - International Rectifier

Part # 30EPF06PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30EPF06PBF Datasheet(HTML) 6 Page - International Rectifier

  30EPF06PBF Datasheet HTML 1Page - International Rectifier 30EPF06PBF Datasheet HTML 2Page - International Rectifier 30EPF06PBF Datasheet HTML 3Page - International Rectifier 30EPF06PBF Datasheet HTML 4Page - International Rectifier 30EPF06PBF Datasheet HTML 5Page - International Rectifier 30EPF06PBF Datasheet HTML 6Page - International Rectifier 30EPF06PBF Datasheet HTML 7Page - International Rectifier 30EPF06PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
30EPF06PbF, 30CPF06PbF QUIET
IR Series
Bulletin I2169 10/04
www.irf.com
15 .90 (0 .626 )
15 .30 (0 .602 )
14 .20 ( 0 .559 )
14. 80 ( 0.583)
3. 70 (0 .14 5)
4. 30 (0 .17 0)
5.30 ( 0.208)
5. 70 (0 .22 5)
5.50 ( 0.217)
4. 50 (0 .17 7)
(2 PLCS.)
3. 55 (0 .13 9)
3. 65 (0 .14 4)
2. 20 (0 .08 7)
MAX .
1. 00 (0 .03 9)
1. 40 ( 0 .05 6)
0. 40 (0 .21 3)
0.80 ( 0.032)
4.70 ( 0.185)
5. 30 (0 .20 9)
1.5 ( 0.059)
2.5 ( 0.098)
2. 40 (0 .09 5)
MAX .
10 .86 (0 .427 )
10. 94 ( 0.430)
20 .30 ( 0 .800 )
19 .70 ( 0 .775 )
DIA.
12
3
15 .90 (0 .626 )
15 .30 (0 .602 )
14 .20 ( 0 .559 )
14. 80 ( 0.583)
3. 70 ( 0 .14 5)
4. 30 ( 0 .17 0)
5.30 ( 0.208)
5. 70 (0 .22 5)
5.50 ( 0.217)
4. 50 ( 0 .17 7)
( 2 PLCS.)
3. 55 ( 0 .13 9)
3. 65 ( 0 .14 4)
2. 20 (0 .08 7)
MAX .
1. 00 (0 .03 9)
1. 40 (0 .05 6)
0. 40 (0 .21 3)
0.80 ( 0.032)
4.70 ( 0.185)
5. 30 (0 .20 9)
1.5 ( 0.059)
2.5 ( 0.098)
2. 40 ( 0 .09 5)
MAX .
10 .86 ( 0 .427 )
10. 94 ( 0.430)
20 .30 ( 0 .800 )
19 .70 ( 0 .775 )
1
3
DIA.
1
CATHODE
ANODE
3
2
BASE
CATHODE
Outline Table
2
13
BASE CATHODE
ANODE
ANODE
30EPF06PbF
Dimensions in millimeters and inches
30CPF06PbF


Similar Part No. - 30EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPF06 IRF-30EPF06 Datasheet
159Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
30EPF06 VISHAY-30EPF06 Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 12-Jun-08
logo
Inchange Semiconductor ...
30EPF06 ISC-30EPF06 Datasheet
284Kb / 2P
   Soft Fast Recovery Diode
logo
Vishay Siliconix
30EPF06-1 VISHAY-30EPF06-1 Datasheet
262Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
30EPF06-1PBF VISHAY-30EPF06-1PBF Datasheet
262Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
More results

Similar Description - 30EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com