Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D90910210115 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D90910210115
Description  Modem Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D90910210115 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D90910210115 Datasheet HTML 1Page - List of Unclassifed Manufacturers D90910210115 Datasheet HTML 2Page - List of Unclassifed Manufacturers D90910210115 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Du line®
Fieldbus
Installationbus
2
Specifications are subject to change without notice (28.09.99)
Dupline® is a registered trademark. A product of the CARLO GAVAZZI Group
D 9091 0210
General Specifications
Additional Information
Power ON delay
≤ 2 s
Indication for
Supply ON (PWR)
LED, green
Call initiate (CI)
LED, green
External Dupline OK (EXD)
LED, yellow
Modem connection OK (CON) LED, yellow
Environment
Degree of protection
IP 20
Pollution degree
3 (IEC 60664)
Operating temperature
0° to +50°C (+32° to +122°F)
Storage temperature
-50° to +85°C (-58° to +185°F)
Humidity (non-condensing)
0 to 80%
Mechanical resistance
Shock
15 G (11 ms)
Vibration
2 G (6-55 Hz)
Material
Light grey polystyrol
Weight
600 g
Scope of supply
1 x Modem Interface
D 9091 210...
1 x Power cable, 2 m
PWR 230
1 x User manual
MAN D90xx ENG
Dimensions (mm)
Mode of Operation
D 9091 0210 is a Dupline®
modem interface for easy
control of Dupline® networks
through the telephone lines.
Configuration of the interface
is done by means of the con-
figurator type D 9080 or by
means of a personal compu-
ter running the terminal emu-
lator software D 9091 SW01.
The modem interface features
3 main functions for which it
can be configured: public line
mode, private line mode and
RS 232 interface.
For status indication 4 LEDs
are used:
• Call initiate (CI): to identify
the dialling modem.
• External Dupline® OK (EXD):
indicating that the connect-
ed Dupline® is working pro-
perly.
• Modem
connection
OK
(CON): showing that con-
nection is established be-
tween the 2 modems.
• Power supply ON (PWR): to
indicate that power is appli-
ed to the unit.
The Run/program push but-
ton (5) (accessible with a pen
through a hole on the right
side of the housing) is used to
switch the interface to confi-
guration or Run-mode. When
this push button is held down
for 5 s the interface changes
mode. Configuration mode is
indicated by flashing of the
three LEDs - CI, EXD and
CON.
The voltage selector switch (6)
(only on D 9091 0210 230) is
used to adapt the unit to the
supply voltage.
Note: The D 9091 0210 230 is
factory set for 230 VAC.
To change the supply voltage
proceed as follows:
1. disconnect the power
2. remove
the
4
housing
screws at the bottom of the
unit.
3. lift off the housing top cover
4. move switch (6) into po-
sition for selected voltage
5. reassemble the unit
6. change supply voltage label
on the rear of the housing
7. connect power cable to
power connector (7).
The relay output (8) deener-
gizes whenever one of the fol-
lowing problems is detected:
• Transmission breakdown
• Continuous reception of
corrupted data
• External Dupline® off-line
• Reception of an alarm call
The Dupline® transmission
inhibit
input (10) is used to
reset the data buffer and igno-
re the data received from the
counterpart station. For more
details, refer to the description
in the manual.


Similar Part No. - D90910210115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D9091SW013 ETC2-D9091SW013 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
D9091SW015 ETC2-D9091SW015 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
More results

Similar Description - D90910210115

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LTM-110A TALEMA-LTM-110A Datasheet
30Kb / 2P
   Line Interface 56kbps Modem Transformer
logo
Schneider Electric
SR2MOD02 SCHNEIDER-SR2MOD02 Datasheet
116Kb / 3P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
SR2MOD02 SCHNEIDER-SR2MOD02_V01 Datasheet
171Kb / 4P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
Mar 23, 2022
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
   LoRa RS232/RS485 Interface Data Radio Modem
logo
Schneider Electric
SR2COM01 SCHNEIDER-SR2COM01 Datasheet
117Kb / 4P
   Modem communication interface, Zelio Logic, for smart relay
SR2COM01 SCHNEIDER-SR2COM01_V01 Datasheet
158Kb / 4P
   Modem communication interface, Zelio Logic, for smart relay
Mar 23, 2022
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com