Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8753 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8753
Description  YUV 8-bit analog-to-digital interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8753 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8753 Datasheet HTML 1Page - NXP Semiconductors TDA8753 Datasheet HTML 2Page - NXP Semiconductors TDA8753 Datasheet HTML 3Page - NXP Semiconductors TDA8753 Datasheet HTML 4Page - NXP Semiconductors TDA8753 Datasheet HTML 5Page - NXP Semiconductors TDA8753 Datasheet HTML 6Page - NXP Semiconductors TDA8753 Datasheet HTML 7Page - NXP Semiconductors TDA8753 Datasheet HTML 8Page - NXP Semiconductors TDA8753 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Jan 12
2
Philips Semiconductors
Product specification
YUV 8-bit analog-to-digital interface
TDA8753A
FEATURES
• Triple analog-to-digital converter
• 8-bit resolution
• Sampling rate up to 20 MHz
• Power dissipation of 500 mW (typical)
• Internal clamp functions
• 4:1:1 output data encoder
• Y binary output
• U, V two's complement outputs
• Sample rate converter permits programmable horizontal
compression factors from 1 to 2
• Serial microcontroller interface
• TTL compatible inputs.
APPLICATIONS
• High-speed analog-to-digital conversion for video signal
digitizing in 4 :1:1 format
• 100 Hz improved definition TV for all formats
(4/3, 16/9, 14/9 etc.).
GENERAL DESCRIPTION
The TDA8753A is a monolithic CMOS 8-bit video
low-power analog-to-digital conversion interface for YUV
signals. It converts the YUV analog input signal into 8-bit
binary coded digital words in format 4 :1:1 at a sampling
rate of 20 MHz. All analog signal inputs are clamped.
The device includes a digital sample rate converter for
variable compression with a factor 1 to 2.
QUICK REFERENCE DATA
Notes
1. The signal-to-noise ratio without harmonics is measured using a 16 MHz clock frequency. This value is given for a
4.43 MHz input frequency on the Y channel (1.5 MHz on the U and V channels).
2. The external resistor (between VDDA and Iref) fixing internal static currents influences Ptot. The value of the resistor
should be 5.6 k
Ω (5%).
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.75
5.0
5.25
V
VDDD
digital supply voltage
4.75
5.0
5.25
V
IDDA
analog supply current
55
63
mA
IDDD
digital supply current
45
55
mA
INL
integral non-linearity
fclk = 16 MHz; ramp input
−±0.75
LSB
DLE
differential non-linearity
fclk = 16 MHz; ramp input; Y
−±0.5
0.75
LSB
fclk = 16 MHz; ramp input; U and V
−±0.6
±0.9
LSB
SNR
signal-to-noise ratio
without harmonics
note 1
43
−−
dB
fclk
maximum conversion
rate
20
−−
MHz
Ptot
total power dissipation
note 2
500
650
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8753A
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1


Similar Part No. - TDA8753

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8751T PHILIPS-TDA8751T Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Similar Description - TDA8753

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8755 PHILIPS-TDA8755 Datasheet
153Kb / 20P
   YUV 8-bit video low-power analog-to-digital interface
1995 Mar 09
SAF7167AHW NXP-SAF7167AHW Datasheet
120Kb / 21P
   YUV-to-RGB digital-to-analog converter
Rev. 01-29 June 2004
SAA7167 PHILIPS-SAA7167 Datasheet
144Kb / 20P
   YUV-to-RGB Digital-to-Analog Converter DAC
1995 Nov 03
logo
Burr-Brown (TI)
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
logo
Microchip Technology
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1320 MICROCHIP-TC1320_13 Datasheet
220Kb / 16P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
logo
NXP Semiconductors
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com