Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U630H16DC35 Datasheet(PDF) 6 Page - Simtek Corporation

Part # U630H16DC35
Description  HardStore 2K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16DC35 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button U630H16DC35 Datasheet HTML 2Page - Simtek Corporation U630H16DC35 Datasheet HTML 3Page - Simtek Corporation U630H16DC35 Datasheet HTML 4Page - Simtek Corporation U630H16DC35 Datasheet HTML 5Page - Simtek Corporation U630H16DC35 Datasheet HTML 6Page - Simtek Corporation U630H16DC35 Datasheet HTML 7Page - Simtek Corporation U630H16DC35 Datasheet HTML 8Page - Simtek Corporation U630H16DC35 Datasheet HTML 9Page - Simtek Corporation U630H16DC35 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
U630H16
6
March 31, 2006
STK Control #ML0036
Rev 1.0
th(D)
Write Cycle #1: W-controlledj
Ai
E
W
DQi
Input
DQi
Output
tcW
tsu(E)
th(A)
tw(W)
tsu(A)
tsu(D)
tdis(W)
ten(W)
Input Data Valid
High Impedance
tsu(A)
Write Cycle #2: E-controlledj
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tw(E)
th(A)
tsu(D)
tdis(W)
ten(E)
Input Data Valid
High Impedance
tsu(W)
L- to H-level
undefined
H- to L-level
i:
If W is LOW and when E goes LOW, the outputs remain in the high impedance state.
j:
E or W and NE must be > VIH during address transitions.
tsu(A-WH)
Previous Data
(12)
(17)
(16)
(13)
(19)
(20)
(23)
(22)
(15)
(21)
(12)
(15)
(18)
(21)
(14)
(20)
(19)
(22)
(7)
Address Valid
Address Valid


Similar Part No. - U630H16DC35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16DC35 ETC-U630H16DC35 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
U630H16DC35G1 ETC-U630H16DC35G1 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results

Similar Description - U630H16DC35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com