Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8754H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8754H
Description  Triple high speed ADC for LCD drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8754H Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8754H Datasheet HTML 1Page - NXP Semiconductors TDA8754H Datasheet HTML 2Page - NXP Semiconductors TDA8754H Datasheet HTML 3Page - NXP Semiconductors TDA8754H Datasheet HTML 4Page - NXP Semiconductors TDA8754H Datasheet HTML 5Page - NXP Semiconductors TDA8754H Datasheet HTML 6Page - NXP Semiconductors TDA8754H Datasheet HTML 7Page - NXP Semiconductors TDA8754H Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Sep 30
5
Philips Semiconductors
Objective specification
Triple high speed ADC for LCD drive
TDA8754
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
1.45
1.35
0.25
0.27
0.17
0.20
0.09
20.1
19.9
0.50
22.15
21.85
1.40
1.10
7
0
o
o
0.1
0.2
0.1
1.0
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT486-1
97-08-04
D(1)
(1)
(1)
20.1
19.9
HD
22.15
21.85
E
Z
1.40
1.10
D
0
5
10 mm
scale
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
c
b p
E
H
A2
D
H
v M B
D
Z D
A
Z E
e
v M A
X
y
w M
w M
A
max.
1.6
LQFP144: plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
SOT486-1
108
109
pin 1 index
73
72
37
1
144
36


Similar Part No. - TDA8754H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8751T PHILIPS-TDA8751T Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Similar Description - TDA8754H

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL875 AVERLOGIC-AL875 Datasheet
41Kb / 2P
   High Speed Triple 8-bit ADC
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
Asahi Kasei Microsystem...
AK5406XQXP AKM-AK5406XQXP Datasheet
288Kb / 37P
   80MSPS Triple ADC for Displays
AK5406 AKM-AK5406 Datasheet
288Kb / 37P
   80MSPS Triple ADC for Displays
logo
NXP Semiconductors
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
   Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
logo
Rohm
BU9764FV ROHM-BU9764FV Datasheet
38Kb / 4P
   Pulse driver for LCD drive
logo
Panasonic Semiconductor
MN838850 PANASONIC-MN838850 Datasheet
134Kb / 26P
   Source Driver for LCD Panel Drive
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com