Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H64SK35 Datasheet(PDF) 3 Page - Simtek Corporation

Part # U635H64SK35
Description  PowerStore 8K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H64SK35 Datasheet(HTML) 3 Page - Simtek Corporation

  U635H64SK35 Datasheet HTML 1Page - Simtek Corporation U635H64SK35 Datasheet HTML 2Page - Simtek Corporation U635H64SK35 Datasheet HTML 3Page - Simtek Corporation U635H64SK35 Datasheet HTML 4Page - Simtek Corporation U635H64SK35 Datasheet HTML 5Page - Simtek Corporation U635H64SK35 Datasheet HTML 6Page - Simtek Corporation U635H64SK35 Datasheet HTML 7Page - Simtek Corporation U635H64SK35 Datasheet HTML 8Page - Simtek Corporation U635H64SK35 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
U635H64
3
March 31, 2006
STK Control #ML0052
Rev 1.0
b:
ICC1 and ICC3 are depedent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
The current ICC1 is measured for WRITE/READ - ratio of 1/2.
c:
ICC2 and ICC4 are the average currents required for the duration of the respective STORE cycles (STORE Cycle Time).
d:
Bringing E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION
table. The current ICC(SB)1 is measured for WRITE/READ - ratio of 1/2.
DC Characteristics
Symbol
Conditions
C-Type
K-Type
Unit
Min.
Max.
Min.
Max.
Operating Supply Currentb
ICC1
VCC
VIL
VIH
tc
tc
tc
= 5.5 V
= 0.8 V
= 2.2 V
= 25 ns
= 35 ns
= 45 ns
90
80
75
95
85
80
mA
mA
mA
Average Supply Current during
STOREc
ICC2
VCC
E
W
VIL
VIH
= 5.5 V
≤ 0.2 V
≥ V
CC-0.2 V
≤ 0.2 V
≥V
CC-0.2 V
67
mA
Average Supply Current during
PowerStore Cyclec
ICC4
VCC
VIL
VIH
= 4.5 V
= 0.2 V
≥ V
CC-0.2 V
44
mA
Standby Supply Currentd
(Cycling TTL Input Levels)
ICC(SB)1
VCC
E
tc
tc
tc
= 5.5 V
= VIH
= 25 ns
= 35 ns
= 45 ns
30
23
20
34
27
23
mA
mA
mA
Operating Supply Current
at tcR = 200 ns
b
(Cycling CMOS Input Levels)
ICC3
VCC
W
VIL
VIH
= 5.5 V
≥ V
CC-0.2 V
≤ 0.2 V
≥ V
CC-0.2 V
15
15
mA
Standby Supply Curentd
(Stable CMOS Input Levels)
ICC(SB)
VCC
E
VIL
VIH
= 5.5 V
≥ V
CC-0.2 V
≤ 0.2 V
≥ V
CC-0.2 V
33
mA
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltage
VCC
4.5
5.5
V
Input Low Voltage
VIL
-2 V at Pulse Width
10 ns permitted
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC+0.3
V


Similar Part No. - U635H64SK35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H64 ETC-U635H64 Datasheet
209Kb / 13P
   POWER STORE 8K X 8 NVSRAM
More results

Similar Description - U635H64SK35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com