Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3403 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G3403
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G3403 Datasheet(HTML) 1 Page - GTM CORPORATION

  G3403 Datasheet HTML 1Page - GTM CORPORATION G3403 Datasheet HTML 2Page - GTM CORPORATION G3403 Datasheet HTML 3Page - GTM CORPORATION G3403 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ISSUED DATE :2005/04/01
REVISED DATE :
G
G 33440033
P
P -- C
C H
H A
A N
N N
N E
E L
L E
E N
N H
H A
A N
N C
C E
E M
M E
E N
N T
T M
M O
O D
D E
E P
P O
O W
W E
E R
R M
M O
O S
S F
F E
E T
T
Description
The G3403 provide the designer with best combination of fast switching, low on-resistance and
cost-effectiveness.
The G3403 is universally preferred for all commercial-industrial surface mount applications and suited for low
voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Small Package Outline
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
f 20
V
Continuous Drain Current3
ID @TA=25 :
-3.7
A
Continuous Drain Current3
ID @TA=70 :
-3.0
A
Pulsed Drain Current1,2
IDM
12
A
Power Dissipation
PD @TA=25 :
1.38
W
Linear Derating Factor
0.01
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
90
/W
BVDSS
-30V
RDS(ON)
75m
ID
-3.7A
Pb Free Plating Product


Similar Part No. - G3403

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G3403 ETL-G3403 Datasheet
371Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
GTM CORPORATION
G3403A GTM-G3403A Datasheet
383Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3403A ETL-G3403A Datasheet
387Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G3403

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com