Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H64SC45 Datasheet(PDF) 6 Page - Simtek Corporation

Part # U635H64SC45
Description  PowerStore 8K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H64SC45 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button U635H64SC45 Datasheet HTML 2Page - Simtek Corporation U635H64SC45 Datasheet HTML 3Page - Simtek Corporation U635H64SC45 Datasheet HTML 4Page - Simtek Corporation U635H64SC45 Datasheet HTML 5Page - Simtek Corporation U635H64SC45 Datasheet HTML 6Page - Simtek Corporation U635H64SC45 Datasheet HTML 7Page - Simtek Corporation U635H64SC45 Datasheet HTML 8Page - Simtek Corporation U635H64SC45 Datasheet HTML 9Page - Simtek Corporation U635H64SC45 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
U635H64
6
March 31, 2006
STK Control #ML0052
Rev 1.0
L- to H-level
undefined
H- to L-level
i:
If W is LOW and when E goes LOW, the outputs remain in the high impedance state.
j:
E or W must be VIH during address transition.
Write Cycle #1: W-controlledj
Write Cycle #2: E-controlledj
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tsu(E)
th(A)
tw(W)
tsu(D)
tdis(W)
ten(W)
Address Valid
Input Data Valid
High Impedance
tsu(A-WH)
(12)
(16)
(13)
(19)
(20)
(23)
(21)
tsu(A)
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tw(E)
th(A)
tsu(D)
Address Valid
Input Data Valid
tsu(W)
(12)
(18)
(21)
(20)
(19)
Previous Data
High Impedance
tsu(A)
(17)
(15)
(22)
(15)
(14)


Similar Part No. - U635H64SC45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H64 ETC-U635H64 Datasheet
209Kb / 13P
   POWER STORE 8K X 8 NVSRAM
More results

Similar Description - U635H64SC45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com