Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H64BSK45 Datasheet(PDF) 8 Page - Simtek Corporation

Part # U635H64BSK45
Description  PowerStore 8K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H64BSK45 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button U635H64BSK45 Datasheet HTML 4Page - Simtek Corporation U635H64BSK45 Datasheet HTML 5Page - Simtek Corporation U635H64BSK45 Datasheet HTML 6Page - Simtek Corporation U635H64BSK45 Datasheet HTML 7Page - Simtek Corporation U635H64BSK45 Datasheet HTML 8Page - Simtek Corporation U635H64BSK45 Datasheet HTML 9Page - Simtek Corporation U635H64BSK45 Datasheet HTML 10Page - Simtek Corporation U635H64BSK45 Datasheet HTML 11Page - Simtek Corporation U635H64BSK45 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
U635H64
8
March 31, 2006
STK Control #ML0052
Rev 1.0
PowerStore and automatic Power Up RECALL
o:
The software sequence is clocked with E controlled READs.
p:
Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
q:
Note that STORE cycles (but not RECALL) are aborted by VCC < VSWITCH (STORE inhibit).
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
t:
If the Chip Enable Pulse Width is less than ta(E) (see Read Cycle) but greater than or equal tw(E)SR, than the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.
No.
Software Controlled STORE/
RECALL Cyclek, o
Symbol
25
35
45
Unit
Alt.
IEC
Min. Max. Min. Max. Min. Max.
27
STORE/RECALL Initiation Time
tAVAV
tcR
25
35
45
ns
28
Chip Enable to Output Inactivep
tELQZ
tdis(E)SR
600
600
600
ns
29
STORE Cycle Timeq
tELQXS
td(E)S
10
10
10
ms
30
RECALL Cycle Timer
tELQXR
td(E)R
20
20
20
μs
31
Address Setup to Chip Enables
tAVELN
tsu(A)SR
000
ns
32
Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
20
25
35
ns
33
Chip Disable to Address Changes
tEHAXN
th(A)SR
000
ns
VCC
5.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO SRAM WRITES)
RECALL
(24)
(24)
tPDSTORE
p
(25)
tDELAY
(26)
NO STORE


Similar Part No. - U635H64BSK45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H64 ETC-U635H64 Datasheet
209Kb / 13P
   POWER STORE 8K X 8 NVSRAM
More results

Similar Description - U635H64BSK45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com