Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8764ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8764ATS Datasheet HTML 1Page - NXP Semiconductors TDA8764ATS Datasheet HTML 2Page - NXP Semiconductors TDA8764ATS Datasheet HTML 3Page - NXP Semiconductors TDA8764ATS Datasheet HTML 4Page - NXP Semiconductors TDA8764ATS Datasheet HTML 5Page - NXP Semiconductors TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Jul 03
3
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
BLOCK DIAGRAM
handbook, full pagewidth
DGND
n.c.
RLAD
VRB
VRM
VRT
VI
VCCD
VCCA
D4
D5
D6
D7
D8
D3
D2
D1
D0
D9
IN-RANGE LATCH
CMOS
OUTPUTS
LATCHES
ANALOG-TO-DIGITAL
CONVERTER
CLOCK DRIVER
FCE253
CMOS
OUTPUT
CLK
GRAY
TC
OE
TDA8764A
VCCO
AGND
9 (15)
3 (7)
1 (5)
10
(16)
15 (21)
11 (17)
OGND
analog
voltage input
data outputs
LSB
MSB
IR output
7 (13)
6 (12)
4 (8)
12 (18)
5, 27, 28
(9, 1, 3, 4, 10, 11, 32)
14 (20)
(2) 26
(19) 13
(22) 16
(23) 17
(24) 18
(25) 19
(26) 20
(27) 21
(28) 22
(29) 23
(30) 24
(31) 25
(6) 2
8 (14)
Fig.1 Block diagram.
The pin numbers given in parenthesis refer to the TDA8764AHL.


Similar Part No. - TDA8764ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
TDA8764HL/4 PHILIPS-TDA8764HL/4 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
TDA8764HL/8 PHILIPS-TDA8764HL/8 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
TDA8764TS PHILIPS-TDA8764TS Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
TDA8764TS/4 PHILIPS-TDA8764TS/4 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
More results

Similar Description - TDA8764ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763A PHILIPS-TDA8763A Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Analog Devices
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
   Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV. A
logo
Texas Instruments
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
[Old version datasheet]   ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
[Old version datasheet]   Multichannel, Low-Power, High-Speed ADC
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com