Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16244DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16244DL
Description  16-BIT FET BUS SWITCHES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16244DL Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT16244DL Datasheet HTML 1Page - Texas Instruments SN74CBT16244DL Datasheet HTML 2Page - Texas Instruments SN74CBT16244DL Datasheet HTML 3Page - Texas Instruments SN74CBT16244DL Datasheet HTML 4Page - Texas Instruments SN74CBT16244DL Datasheet HTML 5Page - Texas Instruments SN74CBT16244DL Datasheet HTML 6Page - Texas Instruments SN74CBT16244DL Datasheet HTML 7Page - Texas Instruments SN74CBT16244DL Datasheet HTML 8Page - Texas Instruments SN74CBT16244DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54CBT16244, SN74CBT16244
16-BIT FET BUS SWITCHES
SCDS031I – MAY 1996 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of Texas Instruments’ Widebus™
Family
D Standard ’16244-Type Pinout
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description
The ’CBT16244 devices provide 16 bits of
high-speed TTL-compatible bus switching in a
standard ’16244 device pinout. The low on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
These
devices
are
organized
as
four
4-bit
low-impedance
switches
with
separate
output-enable (OE) inputs. When OE is low, the
switch is on, and data can flow from port A to port
B, or vice versa. When OE is high, the switch is
open, and the high-impedance state exists
between the two ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP
DL
Tube
SN74CBT16244DL
CBT16244
40
°Cto85°C
SSOP – DL
Tape and reel
SN74CBT16244DLR
CBT16244
–40
°C to 85°C
TSSOP – DGG
Tape and reel
SN74CBT16244DGGR
CBT16244
TVSOP – DGV
Tape and reel
SN74CBT16244DGVR
CY244
–55
°C to 125°C
CFP – WD
Tube
SNJ54CBT16244WD
SNJ54CBT16244WD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each 4-bit bus switch)
INPUT
OE
OUTPUTS
A, B
L
A port = B port
H
Disconnect
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1B1
1B2
GND
1B3
1B4
VCC
2B1
2B2
GND
2B3
2B4
3B1
3B2
GND
3B3
3B4
VCC
4B1
4B2
GND
4B3
4B4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
SN54CBT16244 . . . WD PACKAGE
SN74CBT16244 . . . DGG, DGV, OR DL PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Widebus is a trademark of Texas Instruments.


Similar Part No. - SN74CBT16244DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16244DL TI-SN74CBT16244DL Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN74CBT16244DLR TI-SN74CBT16244DLR Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
More results

Similar Description - SN74CBT16244DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244 Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com