Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8766G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8766G
Description  10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8766G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8766G Datasheet HTML 2Page - NXP Semiconductors TDA8766G Datasheet HTML 3Page - NXP Semiconductors TDA8766G Datasheet HTML 4Page - NXP Semiconductors TDA8766G Datasheet HTML 5Page - NXP Semiconductors TDA8766G Datasheet HTML 6Page - NXP Semiconductors TDA8766G Datasheet HTML 7Page - NXP Semiconductors TDA8766G Datasheet HTML 8Page - NXP Semiconductors TDA8766G Datasheet HTML 9Page - NXP Semiconductors TDA8766G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Mar 20
6
Philips Semiconductors
Product specification
10-bit high-speed 2.7 to 5.25 V
analog-to-digital converter
TDA8766
CHARACTERISTICS
VDDA =V7 to V9 = 3.3 V; VDDD =V4 to V3 =V18 to V19 = 3.3 V; VDDO =V20 to V21 = 3.3 V; VSSA,VSSD and VSSO
short-circuited together; Vi(p-p) = 1.83 V; CL = 20 pF; Tamb =0to+70 °C; typical values measured at Tamb =25 °C;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDA
analog supply voltage
2.7
3.3
5.25
V
VDDD1
digital supply voltage 1
2.7
3.3
5.25
V
VDDD2
digital supply voltage 2
2.7
3.3
5.25
V
VDDO
output stages supply voltage
2.5
3.3
5.25
V
∆V
DD
voltage difference
VDDA − VDDD
−0.2
+0.2
V
VDDA − VDDO
−0.2
+3.0
V
VDDD − VDDO
−0.2
+3.0
V
IDDA
analog supply current
7.5
10
mA
IDDD
digital supply current
7.5
10
mA
IDDO
output stages supply current
fclk = 20 MHz;
ramp input; CL =20pF
12
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO VSSD); see note 1
VIL
LOW level input voltage
0
0.3VDDD
V
VIH
HIGH level input voltage
0.7VDDD
VDDD
V
VDDD ≤ 3.6 V
0.6VDDD
VDDD
V
IIL
LOW level input current
Vclk = 0.3VDDD
−10
+1
µA
IIH
HIGH level input current
Vclk = 0.7VDDD
−−
5
µA
ZI
input impedance
fclk = 20 MHz
4
k
CI
input capacitance
fclk = 20 MHz
3
pF
INPUTS OE AND STDBY (REFERENCED TO VSSD); see Table 3
VIL
LOW level input voltage
0
0.3VDDD
V
VIH
HIGH level input voltage
0.7VDDD
VDDD
V
VDDD ≤ 3.6 V
0.6VDDD
VDDD
V
IIL
LOW level input current
VIL = 0.3VDDD
−1
−−
µA
IIH
HIGH level input current
VIH = 0.7VDDD
−−
+1
µA
V
I (ANALOG INPUT VOLTAGE REFERENCED TO V
SSA)
IIL
LOW level input current
VI =VRB
0
−µA
IIH
HIGH level input current
VI =VRT
35
−µA
ZI
input impedance
fi = 1 MHz
5
k
CI
input capacitance
fi = 1 MHz
8
pF


Similar Part No. - TDA8766G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K PHILIPS-TDA8760K Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/2 PHILIPS-TDA8760K/2 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/4 PHILIPS-TDA8760K/4 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

Similar Description - TDA8766G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLV5510 TI1-TLV5510_05 Datasheet
336Kb / 20P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
Texas Instruments
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com