Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 7Page - Dallas Semiconductor DS2155 Datasheet HTML 8Page - Dallas Semiconductor DS2155 Datasheet HTML 9Page - Dallas Semiconductor DS2155 Datasheet HTML 10Page - Dallas Semiconductor DS2155 Datasheet HTML 11Page - Dallas Semiconductor DS2155 Datasheet HTML 12Page - Dallas Semiconductor DS2155 Datasheet HTML 13Page - Dallas Semiconductor DS2155 Datasheet HTML 14Page - Dallas Semiconductor DS2155 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 238 page
background image
DS2155
11 of 238
Flexible signaling support
Software or hardware based
Interrupt generated on change of signaling data
Receive signaling freeze on loss-of-sync,
carrier loss, or frame slip
Addition of hardware pins to indicate carrier loss
and signaling freeze
Automatic RAI generation to ETS 300 011
specifications
Access to Sa and Si bits
Option to extend carrier loss criteria to a 1ms
period as per ETS 300 233
Japanese J1 support
Ability to calculate and check CRC6 according
to the Japanese standard
Ability to generate Yellow Alarm according to
the Japanese standard
TDM Bus
Dual two-frame independent receive and transmit
elastic stores
Independent control and clocking
Controlled slip capability with status
Minimum delay mode supported
16.384MHz maximum backplane burst rate
Supports T1 to CEPT (E1) conversion
Programmable output clocks for fractional T1, E1,
H0, and H12 applications
Interleaving PCM bus operation
Hardware signaling capability
Receive signaling reinsertion to a backplane
multiframe sync
Availability of signaling in a separate PCM
data stream
Signaling freezing
Ability to pass the T1 F-bit position through the
elastic stores in the 2.048MHz backplane mode
Access to the data streams in between the
framer/formatter and the elastic stores
User-selectable synthesized clock output
HDLC Controllers
Two independent HDLC controllers
Fast load and unload features for FIFOs
SS7 support for FISU transmit and receive
Independent 128-byte Rx and Tx buffers with
interrupt support
Access FDL, Sa, or single/multiple DS0 channels
DS0 access includes Nx64 or Nx56
Compatible with polled or interrupt driven
environments
Bit-oriented code (BOC) support
Test and Diagnostics
Programmable on-chip bit error-rate testing
Pseudorandom patterns including QRSS
User-defined repetitive patterns
Daly pattern
Error insertion single and continuous
Total bit and errored bit counts
Payload error insertion
Error insertion in the payload portion of the T1
frame in the transmit path
Errors can be inserted over the entire frame or
selected channels
Insertion options include continuous and absolute
number with selectable insertion rates
F-bit corruption for line testing
Loopbacks: remote, local, analog, and per-channel
loopback
Extended System Information Bus
Host can read interrupt and alarm status on up to 8
ports with a single bus read
User-Programmable Output Pins
Four user-defined output pins for controlling
external logic
Control Port
8-bit parallel control port
Multiplexed or nonmultiplexed buses
Intel or Motorola formats
Supports polled or interrupt environments
Software access to device ID and silicon revision
Software reset supported
Automatic clear on power-up
Hardware reset pin


Similar Part No. - DS2155

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS2155 MAXIM-DS2155 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS21552 MAXIM-DS21552 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS2155

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com