Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6K
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6K Datasheet HTML 1Page - Omron Electronics LLC G6K Datasheet HTML 2Page - Omron Electronics LLC G6K Datasheet HTML 3Page - Omron Electronics LLC G6K Datasheet HTML 4Page - Omron Electronics LLC G6K Datasheet HTML 5Page - Omron Electronics LLC G6K Datasheet HTML 6Page - Omron Electronics LLC G6K Datasheet HTML 7Page - Omron Electronics LLC G6K Datasheet HTML 8Page - Omron Electronics LLC G6K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
92
G6K
G6K
Application Examples
Telephones, communications equipment, measurement devices, office automation machines, and audio–visual products.
Specifications
Contact mechanism:Bifurcated crossbar Ag (Au-alloy contact)
Enclosure ratings:Fully sealed
Coil Ratings
Single-side Stable Models
G6K-2F, G6K-2G, G6K-2P
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
Single-side Stable Models (Bellcore Version)
G6K-2F-Y, G6K-2G-Y, G6K-2P-Y
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
Single-winding Latching Models (Bellcore Version)
G6KU-2F-Y, G6KU-2G-Y, G6KU-2P-Y
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
Rated voltage
3 VDC
4.5 VDC
5 VDC
12 VDC
Rated current
33.0 mA
23.2 mA
21.1 mA
9.1 mA
Coil resistance
91
194
237
1,315
Must operate voltage
80% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
150% of rated voltage at 23°C to 70°C
Power consumption
Approx. 100 mW
Rated voltage
3 VDC
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
33.0 mA
23.2 mA
21.1 mA
9.1 mA
4.6 mA
Coil resistance
91
194
237
1,315
5,220
Must operate voltage
80% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
150% of rated voltage at 23°C to 70°C
Power consumption
Approx. 100 mW
Rated voltage
3 VDC
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
33.0 mA
23.2 mA
21.1 mA
9.1 mA
4.6 mA
Coil resistance
91
194
237
1,315
5,220
Must set voltage
75% max. of rated voltage
Must reset voltage
75% max. of rated voltage
Max. voltage
150% of rated voltage at 23°C to 70°C
Power consumption
Approx. 100 mW


Similar Part No. - G6K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
1Mb / 12P
   Low Signal Relay
logo
Gulf Semiconductor
G6K GULFSEMI-G6K Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
G6K OMRON-G6K Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F OMRON-G6K-2F Datasheet
1Mb / 12P
   Low Signal Relay
More results

Similar Description - G6K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com