Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C530-QNL Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS87C530-QNL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530-QNL Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS87C530-QNL Datasheet HTML 7Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 8Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 9Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 10Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 11Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 12Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 13Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 14Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
11 of 47
automatically to occur once per second, once per minute, once per hour, or once per day. Enabling
interrupts with no match will generate an interrupt 256 times per second.
Software enables the timekeeper oscillator using the RTC enable bit in the RTC Control register (F9h).
This starts the clock. It can disable the oscillator to preserve the life of the backup energy-source if
unneeded. Values in the RTC Control register are maintained by the backup source through power failure.
Once enabled, the RTC maintains time for the life of the backup source even when VCC is removed.
The RTC will maintain an accuracy of
±2 minutes per month at 25°C. Under no circumstances are
negative voltages, of any amplitude, allowed on any pin while the device is in data retention mode
(VCC < VBAT). Negative voltages will shorten battery life, possibly corrupting the contents of internal
SRAM and the RTC.
Figure 2. Real-Time Clock
NONVOLATILE RAM
The 1k x 8 on-chip SRAM can be nonvolatile if an external backup energy source is used. This allows the
device to log data or to store configuration settings. Internal switching circuits will detect the loss of VCC
and switch SRAM power to the backup source on the VBAT pin. The 256 bytes of direct RAM are not
affected by this circuit and are volatile.
CRYSTAL AND BACKUP SOURCES
To use the unique functions of the DS87C530/DS83C530, a 32.768kHz timekeeping crystal and a backup
energy source are needed. The following describes guidelines for choosing these devices.
Timekeeping Crystal
The DS87C530/DS83C530 can use a standard 32.768kHz crystal as the RTC time base. There are two
versions of standard crystals available, with 6pF and 12.5pF load capacitance. The tradeoff is that the 6pF
uses less power, giving longer life while VCC is off, but is more sensitive to noise and board layout. The


Similar Part No. - DS87C530-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
More results

Similar Description - DS87C530-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com