Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C530-QNL+ Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS87C530-QNL+
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530-QNL+ Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS87C530-QNL+ Datasheet HTML 1Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 2Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 3Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 4Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 5Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 6Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 7Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 8Page - Dallas Semiconductor DS87C530-QNL+ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
4 of 47
Figure 1. Block Diagram
PIN DESCRIPTION
PIN
PLCC
TQFP
NAME
FUNCTION
52
45
VCC
+5V Processor Power Supply
1, 25
18, 46
GND
Processor Digital Circuit Ground
29
22
VCC2
+5V RTC Supply. VCC2 is isolated from VCC to isolate the RTC from digital noise.
26
19
GND2
RTC Circuit Ground
12
5
RST
Reset Input. This pin contains a Schmitt voltage input to recognize external active
high reset inputs. The pin also employs an internal pulldown resistor to allow for a
combination of wired OR external reset sources. An RC is not required for power-up,
as the device provides this function internally.
23
16
XTAL2
24
17
XTAL1
Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for parallel-resonant,
AT-cut crystals. XTAL1 acts also as an input if there is an external clock source in
place of a crystal. XTAL2 is the output of the crystal amplifier.
DS87C530/
DS83C530


Similar Part No. - DS87C530-QNL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
More results

Similar Description - DS87C530-QNL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com